công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TWR-LS1021A bảng dữ liệu(PDF) 63 Page - Freescale Semiconductor, Inc

tên linh kiện TWR-LS1021A
Giải thích chi tiết về linh kiện  TWR-LS1021A Reference Manual
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TWR-LS1021A bảng dữ liệu(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button TWR-LS1021A Datasheet HTML 59Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 60Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 61Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 62Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 63Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 64Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 65Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 66Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
CPLD System Controller Architecture
TWR-LS1021A Reference Manual, Rev. 0
4-6
Freescale Semiconductor
0x08
R/W
GPIO for TWR-ELEV
Bit [0]: ELEV_GPIO_B51
Bit [1]: ELEV_GPIO05_B52
Bit [2]: ELEV_GPIO22_D43
Bit [3]: ELEV_GPIO25_C9
Bit [4]: ELEV_GPIO06_A35
Bit [5]: ELEV_GPIO07_A11
Bit [6]: ELEV_GPIO04_B35
Bit [7]: ELEV_GPIO02_B22
gpio
0x00
0x09
R/W
I2C3 and IFC CS Selection Register
Bit [0]: 0 I2C3 (default)
1 IFC_CS2_B and IFC_CS3_B
Bit [7:1]: Reserved
i2c3_ifc_mux
0x00
0x0A
R/W
SPI2 and LPUART/LCD Selection Register
Bit [0]: 0 SPI2
1 LPUART1/LCD
Bit [7:1]: Reserved
mux_spi2
RCW (selected
by
SW3[6]-MUX_S
EL)
0x0B
R/W
CAN3 and USB2 Selection Register
Bit [0]: 0 USB2
1 CAN3 (default)
Bit [7:1]: Reserved
can3_usb2_mux 0x01
0x0C
R/W
QE and LCD Selection Register
Bit [0]: 0 LCD
1 QE
Bit [7:1]: Reserved
qe_lcd_mux
RCW (selected
by
SW3[6]-MUX_S
EL)
0x0D
R/W
Multiplexed pins for SerDes Lanes Register
Bit [0]: MUX_SATA_SGMII1
0 lane B to SATA
1 lane B to SGMII1a
Bit [1]: MUX_PCIE2_SGMII1
0 lane C to SGMII1b
1 MPCIE2
Bit [2]: MUX_PCIELN2_SGMII2
0 lane D to PCIE 2nd Lane
1 lane D to SGMII2
Bit [3]: MUX_SGMII1a_SGMII1b
0 SGMII1 from lane C
1 SGMII1 from lane B
Bit [7:4]: Reserved
serdes_mux
RCW (selected
by
SW3[6]-MUX_S
EL)
0x0E
R/W
Writing this register to reset system with
initializing the CPLD registers to default
values
Bit [0]: 0 system running(Default)
1 system reset
Bit [7:1]: Reserved
global_rst
0x00
Table 4-3. CPLD BCSR register detail map
Base Address
Offset
Access
Type
Description
Register Name
Default Value


Số phần tương tự - TWR-LS1021A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TWR-016N ETC1-TWR-016N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
TWR-026N ETC1-TWR-026N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
logo
Murata Manufacturing Co...
TWR-22W MURATA-TWR-22W Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D12-C MURATA-TWR-3.3/4-12/300-D12-C Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D24-C MURATA-TWR-3.3/4-12/300-D24-C Datasheet
222Kb / 9P
   Isolated, High Reliability
More results

Mô tả tương tự - TWR-LS1021A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com