công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TWR-LS1021A bảng dữ liệu(PDF) 27 Page - Freescale Semiconductor, Inc

tên linh kiện TWR-LS1021A
Giải thích chi tiết về linh kiện  TWR-LS1021A Reference Manual
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TWR-LS1021A bảng dữ liệu(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button TWR-LS1021A Datasheet HTML 23Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 24Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 25Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 26Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 27Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 28Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 29Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 30Page - Freescale Semiconductor, Inc TWR-LS1021A Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-12
Freescale Semiconductor
2.8.2
SGMII support
TWR-LS1021A supports evaluation of the SGMII protocol for serialized Ethernet PHYs. Ethernet data is
carried over the SerDes lanes. On TWR-LS1021A, two Atheros AR8033 PHY are used to support SGMII
mode.
2.8.3
SATA support
SATA could be evaluated an on-board SATA headers. LS1021A could support SATA3.0 protocol with
maximum 6 Gbps data rate.
2.8.4
SerDes configuration and setup
The SerDes multiplexers require initialization of several CPLD register bits. CPLD attempts to preset the
values based on a DIP switch, which should be set to match the selected RCW[cfg_srds1_prtcl] field.
Software can override the presets at any time.
GND
9
10
UIM_DATA
CLKREQ#
7
8
UIM_PWR
COEX2
561.5V
COEX1
3
4
GND
WAKE#
1
2
3.3Vaux
Table 2-8. SerDes configuration
Configuration
Signal
Controls
Value
Description
none
SW: SW3[6]
REG: 0x0D
0
Lane A PCIE#1 (x1)
Lane B SGMII 1
Lane C PCIE#2 (x1)
Lane D SGMII 2
1
Lane A PCIE#1 (x1)
Lane B SATA x1
Lane C PCIE#2 (x1)
Lane D SGMII 2
0
Lane A PCIE#1 (x1)
Lane B SGMII 1
Lane C PCIE#2 (x1)
Lane D SGMII 2
1
Lane A PCIE#1 (x1)
Lane B SATA x1
Lane C PCIE#2 (x1)
Lane D SGMII 2
Table 2-7. Specific mini PCIe pinout
Signal
Pin
Pin
Signal


Số phần tương tự - TWR-LS1021A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TWR-016N ETC1-TWR-016N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
TWR-026N ETC1-TWR-026N Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
logo
Murata Manufacturing Co...
TWR-22W MURATA-TWR-22W Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D12-C MURATA-TWR-3.3/4-12/300-D12-C Datasheet
222Kb / 9P
   Isolated, High Reliability
TWR-3.3/4-12/300-D24-C MURATA-TWR-3.3/4-12/300-D24-C Datasheet
222Kb / 9P
   Isolated, High Reliability
More results

Mô tả tương tự - TWR-LS1021A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12C FREESCALE-MC9S12C_10 Datasheet
3Mb / 690P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com