công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4998S3 bảng dữ liệu(PDF) 12 Page - Infineon Technologies AG

tên linh kiện TLE4998S3
Giải thích chi tiết về linh kiện  Programmable Linear Hall Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S3 bảng dữ liệu(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4998S3_V01 Datasheet HTML 8Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 9Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 10Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 11Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 12Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 13Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 14Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 15Page - Infineon Technologies AG TLE4998S3_V01 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
TLE4998S
Maximum Ratings
Data Sheet
12
V 1.0, 2008-07
3
Maximum Ratings
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Storage temperature
TST
- 40
150
°C
Junction temperature
TJ
- 40
1701)
1) For limited time of 96 h. Depends on customer temperature lifetime cycles. Please ask for support by Infineon
°C
Voltage on
VDD pin with
respect to ground
VDD
-18
18
V
2)
2) Higher voltage stress than absolute maximum rating, e.g. 150% in latch-up tests is not applicable. In such
cases, Rseries ≥100 Ω for current limitation is required
Supply current
@ overvoltage VDD max.
IDDov
-
15
mA
Reverse supply current
@ VDD min.
IDDrev
-1
0
mA
Voltage on output pin with
respect to ground
VOUT
-13)
3) I
DD can exceed 10 mA when the voltage on OUT is pulled below -1 V (-5 V at room temperature)
184)
4) V
DD = 5 V, open drain permanent low, for max. 10 minutes
V
Magnetic field
BMAX
-
unlimited
T
ESD protection
VESD
-
4.0
kV
According HBM
JESD22-A114-B 5)
5) 100 pF and 1.5 k
Ω


Số phần tương tự - TLE4998S3_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results

Mô tả tương tự - TLE4998S3_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998C3 INFINEON-TLE4998C3 Datasheet
1Mb / 44P
   Programmable Linear Hall Sensor
Rev 1.0, December 2008
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com