công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1066DBR2 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC1066DBR2
Giải thích chi tiết về linh kiện  ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1066DBR2 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC1066DBR2 Datasheet HTML 1Page - ON Semiconductor MC1066DBR2 Datasheet HTML 2Page - ON Semiconductor MC1066DBR2 Datasheet HTML 3Page - ON Semiconductor MC1066DBR2 Datasheet HTML 4Page - ON Semiconductor MC1066DBR2 Datasheet HTML 5Page - ON Semiconductor MC1066DBR2 Datasheet HTML 6Page - ON Semiconductor MC1066DBR2 Datasheet HTML 7Page - ON Semiconductor MC1066DBR2 Datasheet HTML 8Page - ON Semiconductor MC1066DBR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC1066
http://onsemi.com
2
FUNCTIONAL BLOCK DIAGRAM
Int. Temp
Ext.Temp
Status Byte
Config. Byte
Conv. Rate
Ext. Hi Limit
Ext. Lo Limit
Int. Hi Limit
Int. Lo Limit
Register Set
Modulator
DS
Internal
Sensor
(Diode)
Control
Logic
SMBus
Interface
OS
STBY
SCL
SDA
ADD 0
ADD 1
CRIT. Limit
CRIT 0
CRIT 1
INT_SEL
ALERT/
COMP
D+
D–
PIN DESCRIPTION
Pin No.
Symbol
Type
Description
2
VDD
Power
Power Supply Input
3
D+
Bi–Directional
Current Source and A/D Positive Input
4
D–
Bi–Directional
Current Sink and A/D Negative Input
6, 10
ADD[1:0]
Input
Address Select Pins (See Address Decode Table)
7, 8
GND
Power
System Ground
11
ALERT/COMP
Output
SMBus Interrupt (SMBALERT) or Comparator Output
12
SDA
Bi–Directional
SMBus Serial Data
14
SCL
Input
SMBus Serial Clock
15
STBY
Input
Standby Enable
1, 5
CRIT[1:0]
Input
CRITICAL Setpoint Bits (See CRITICAL Setpoint Decode Table)
9
OS
Output
Open Collector, Low–True “Over–Temperature” Warning Output
13
INT_SEL
Input
Selects ALERT or COMP Output on Pin 11
16
NC
Not Connected
PIN DESCRIPTION
SCL
Input. SMBus serial clock. Clocks data into and out of the
MC1066.
SDA
Bidirectional. Serial data is transferred on the SMBus in
both directions using this pin.
ADD1, ADD0
Inputs. Sets the 7–bit SMBus address. These pins are
“tri–state,” and the SMBus addresses are specified in the
Address Decode Table.
(NOTE: The tri–state scheme allows up to nine MC1066s
on a single bus. A match between the MC1066’s address and
the address specified in the serial bit stream must be made
to initiate communication. Many SMBus–compatible
devices with other addresses may share the same 2–wire bus.
These pins are only active at power–on reset, and will latch
into the appropriate states.
ALERT/COMP*
Output, Open Collector, Active Low. The ALERT output
corresponds to the general SMBALERT signal and indicates
an interrupt event. The MC1066 will respond to the standard
SMBus Alert Response Address when ALERT is asserted.
Normally, the ALERT output will be asserted and latched
when any of the following occurs:


Số phần tương tự - MC1066DBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC100-508 LUMBERG-MC100-508 Datasheet
794Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC100-50802 LUMBERG-MC100-50802 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Mô tả tương tự - MC1066DBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
   SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM1617 MICROCHIP-TCM1617 Datasheet
74Kb / 14P
   SMBus Thermal Sensor with External Diode Input
2001
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com