công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1066DBR2 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC1066DBR2
Giải thích chi tiết về linh kiện  ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1066DBR2 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC1066DBR2 Datasheet HTML 1Page - ON Semiconductor MC1066DBR2 Datasheet HTML 2Page - ON Semiconductor MC1066DBR2 Datasheet HTML 3Page - ON Semiconductor MC1066DBR2 Datasheet HTML 4Page - ON Semiconductor MC1066DBR2 Datasheet HTML 5Page - ON Semiconductor MC1066DBR2 Datasheet HTML 6Page - ON Semiconductor MC1066DBR2 Datasheet HTML 7Page - ON Semiconductor MC1066DBR2 Datasheet HTML 8Page - ON Semiconductor MC1066DBR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 1999
February, 2000 – Rev. 0
1
Publication Order Number:
MC1066/D
MC1066
ACPI-Compliant SMBus
Temperature Sensor with
Internal and External Diode Input
The MC1066 is a serially programmable temperature sensor
optimized for monitoring modern high performance CPUs with
on–board integrated temperature sensing diodes. Temperature data is
converted from the CPU’s diode outputs and made available as an
8–bit digital word.
Communication with the MC1066 is accomplished via the standard
System Management Bus (SMBus) commonly used in modern
computer systems. This permits reading the current internal/external
temperature, programming the threshold setpoints, and configuring
the device. Additionally, an interrupt is generated on the
ALERT/COMP pin when temperature moves outside the preset
threshold windows in either direction. A separate CRITICAL setpoint
is provided through external hardwiring for “fail safe” operation per
ACPI guidelines.
A Standby command may be sent via the SMBus or by signaling the
STBY input pin to activate the low–power Standby mode. Registers
can be accessed while in Standby mode. Address selection inputs
allow up to nine MC1066s to share the same 2–wire SMBus for
multi–zone monitoring.
All registers can be read by the host, and both polled and interrupt
driven systems are easily accommodated. Small size, low installed
cost, and ease of use make the MC1066 an ideal choice for
implementing sophisticated system management schemes, such as
ACPI.
Features
Specifically ACPI–Compliant
Backward Compliant to Older APM Systems
Includes Internal and External Sensing Capability
Outputs Temperature As 8–Bit Digital Word
Solid State Temperature Sensing; 1°C Resolution
3.0 — 5.5V Operating Range
Independent Internal and External Threshold Set–Points With
ALERT/COMP Interrupt Output
SMBus 2–Wire Serial Interface
Optional CRITICAL Set–Point for Full ACPI Compliant
Implementation
Up To Nine MC1066s May Share the Same Bus
Low Standby Power Mode
Low Power: 70 µA (max) Operating, 10 µA (max) Standby Mode
16–Pin Plastic QSOP Package
Typical Applications
Thermal Protection For Intel “Deschutes” Pentium™ II and Other High Performance
CPUs with Integrated On–Board Diode - No Sensor Mounting Problems!
Accurate Temperature Sensing From Any Silicon Junction Diode
Thermal Management in Electronic Systems: Computers, Network Equipment, Power Supplies
16–Pin QSOP
DB SUFFIX
CASE TBD
PRELIMINARY INFORMATION
http://onsemi.com
PIN CONFIGURATION
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
MC1066DBR2
16–Pin QSOP
2500 Tape/Reel
MC1066
1
2
3
4
16
15
14
13
CRIT1
VDD
D+
D–
NC
STBY
SCL
INT_SEL
5
6
7
8
12
11
10
9
CRIT0
ADD1
GND
GND
SDA
ALERT/COMP
ADD0
OS


Số phần tương tự - MC1066DBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
MC100-508 LUMBERG-MC100-508 Datasheet
794Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC100-50802 LUMBERG-MC100-50802 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Mô tả tương tự - MC1066DBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
   SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM1617 MICROCHIP-TCM1617 Datasheet
74Kb / 14P
   SMBus Thermal Sensor with External Diode Input
2001
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com