công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A23166DCUR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A23166DCUR
Giải thích chi tiết về linh kiện  0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A23166DCUR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5A23166DCUR Datasheet HTML 1Page - Texas Instruments TS5A23166DCUR Datasheet HTML 2Page - Texas Instruments TS5A23166DCUR Datasheet HTML 3Page - Texas Instruments TS5A23166DCUR Datasheet HTML 4Page - Texas Instruments TS5A23166DCUR Datasheet HTML 5Page - Texas Instruments TS5A23166DCUR Datasheet HTML 6Page - Texas Instruments TS5A23166DCUR Datasheet HTML 7Page - Texas Instruments TS5A23166DCUR Datasheet HTML 8Page - Texas Instruments TS5A23166DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
APPLICATIONS
SSOP OR VSSOP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NO1
COM1
IN2
GND
COM2
IN1
V+
NO2
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
GND
IN1
COM2
V+
1
2
3
4
8
7
5
6
IN2
COM1
NO1
NO2
DESCRIPTION/ORDERING INFORMATION
TS5A23166
0.9-
Ω DUAL SPST ANALOG SWITCH
5-V/3.3-V 2-CHANNEL ANALOG SWITCH
SCDS196 – MAY 2005
Cell Phones
Isolation in Powered-Down Mode, V+ = 0
PDAs
Low ON-State Resistance (0.9
Ω)
Portable Instrumentation
Control Inputs Are 5.5-V Tolerant
Audio and Video Signal Routing
Low Charge Injection
Low-Voltage Data-Acquisition Systems
Excellent ON-State Resistance Matching
Communication Circuits
Low Total Harmonic Distortion (THD)
Modems
1.65-V to 5.5-V Single-Supply Operation
Hard Drives
Latch-Up Performance Exceeds 100 mA Per
Computer Peripherals
JESD 78, Class II
Wireless Terminals and Peripherals
ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
The TS5A23166 is a dual single-pole single-throw (SPST) analog switch that is designed to operate from 1.65 V
to 5.5 V. The device offers a low ON-state resistance and an excellent channel-to-channel ON-state resistance
matching. The device has excellent total harmonic distortion (THD) performance and consumes very low power.
These features make this device suitable for portable audio applications.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
TS5A23166YEPR
PACKAGE PREVIEW
0.23-mm Large Bump – YEP
Tape and reel
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
TS5A23166YZPR
PACKAGE PREVIEW
–40
°C to 85°C
(Pb-free)
SSOP – DCT
Tape and reel
TS5A23166DCTR
PACKAGE PREVIEW
VSSOP – DCU (Pb-free)
Tape and reel
TS5A23166DCUR
JAM_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - TS5A23166DCUR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23166DCUR TI-TS5A23166DCUR Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCUR TI1-TS5A23166DCUR Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURE4 TI-TS5A23166DCURE4 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCURE4 TI1-TS5A23166DCURE4 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURG4 TI-TS5A23166DCURG4 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Mô tả tương tự - TS5A23166DCUR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com