công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10161 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10161
Giải thích chi tiết về linh kiện  Binary to 1-8 Decoder(Low)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10161 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10161 Datasheet HTML 1Page - ON Semiconductor MC10161 Datasheet HTML 2Page - ON Semiconductor MC10161 Datasheet HTML 3Page - ON Semiconductor MC10161 Datasheet HTML 4Page - ON Semiconductor MC10161 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–73
REV 5
© Motorola, Inc. 1996
3/93
Binary to 1-8 Decoder (Low)
The MC10161 is designed to decode a three bit input word to a one of eight
line output. The selected output will be low while all other outputs will be high. The
enable inputs, when either or both are high, force all outputs high.
The MC10161 is a true parallel decoder. No series gating is used internally,
eliminating unequal delay times found in other decoders. This design provides
the identical 4 ns delay from any address or enable input to any output.
A complete mux/demux operation on 16 bits for data distribution is illustrated
in Figure 1. This system, using the MC10136 control counters, has the
capability of incrementing, decrementing or holding data channels. When both
S0 and S1 are low, the index counters reset, thus initializing both the mux and
demux units. The four binary outputs of the counter are buffered by the
MC10101s to send twisted–pair select data to the multiplexer/demultiplexer to
units.
PD = 315 mW typ/pkg (No Load)
tpd = 4.0 ns typ
tr, tf = 2.0 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
E0 2
E1 15
A7
B9
C14
6Q0
5Q1
4Q2
3Q3
13 Q4
12 Q5
11 Q6
10 Q7
TRUTH TABLE
ENABLE
INPUTS
INPUTS
OUTPUTS
E1
E0
C
B
A
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
L
L
L
L
L
L
H
H
H
H
H
H
H
L
L
L
L
H
H
L
H
H
H
H
H
H
L
L
L
H
L
H
H
L
H
H
H
H
H
L
L
L
H
H
H
H
H
L
H
H
H
H
L
L
H
L
L
H
H
H
H
L
H
H
H
L
L
H
L
H
H
H
H
H
H
L
H
H
L
L
H
H
L
H
H
H
H
H
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
L
H
X
X
X
X
H
H
H
H
H
H
H
H
X
H
X
X
X
H
H
H
H
H
H
H
H
MC10161
DIP
PIN ASSIGNMENT
VCC1
E0
Q3
Q2
Q1
Q0
A
VEE
VCC2
E1
C
Q4
Q5
Q6
Q7
B
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


Số phần tương tự - MC10161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10161 ONSEMI-MC10161 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161FN ONSEMI-MC10161FN Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161L ONSEMI-MC10161L Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161P ONSEMI-MC10161P Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results

Mô tả tương tự - MC10161

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10H161 ONSEMI-MC10H161 Datasheet
119Kb / 4P
   Binary to 1-8 Decoder(Low)
REV 5
MC10H161 ONSEMI-MC10H161_00 Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H162 ONSEMI-MC10H162 Datasheet
114Kb / 4P
   Binary to 1-8 Decoder(High)
REV 5
MC10162 ONSEMI-MC10162 Datasheet
91Kb / 4P
   Binary to 1-8 Decoder (High)
January, 2002 ??Rev. 7
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
MC10H162 ONSEMI-MC10H162_06 Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com