công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2252 bảng dữ liệu(PDF) 10 Page - OKI electronic componets

tên linh kiện ML2252
Giải thích chi tiết về linh kiện  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKI [OKI electronic componets]
Trang chủ  http://www.oki.com
Logo OKI - OKI electronic componets

ML2252 bảng dữ liệu(HTML) 10 Page - OKI electronic componets

Back Button ML2252 Datasheet HTML 6Page - OKI electronic componets ML2252 Datasheet HTML 7Page - OKI electronic componets ML2252 Datasheet HTML 8Page - OKI electronic componets ML2252 Datasheet HTML 9Page - OKI electronic componets ML2252 Datasheet HTML 10Page - OKI electronic componets ML2252 Datasheet HTML 11Page - OKI electronic componets ML2252 Datasheet HTML 12Page - OKI electronic componets ML2252 Datasheet HTML 13Page - OKI electronic componets ML2252 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
FEDL2250DIGEST-01
OKI Semiconductor
ML2252/54-XXX, ML22Q54
10/31
PIN DESCRIPTIONS-2
ML22Q54 Pins
44-pin plastic QFP
Pin
Symbol
Type
Description
43
BUSY2/ERR
O
When using the built-in ROM for voice output, this pin outputs “L” level
while channel 2 side processes a command and while plays back voice.
Works as
ERR pin when using EXT command for the voice output. If an
abnormality occurred in the transfer of data, the
ERR pin outputs “L”
level and the voice output may become noisy.
“H” level at power on.
3
BUSY1
O
Outputs “L” level while the channel 1 side processes a command and
while plays back voice.
“H” level at power on.
4
NCR2/
DL
O
The input command of channel 2 is valid at “H” level when using the
built-in ROM for voice output.
DL pin when using EXT command for the voice output. It outputs the
voice data capture signal. The data is captured on the rising edge of
DL.
“H” level at power on.
5
NCR1/NDR
O
The command input of channel 1 side is valid at “H” level when using
the built-in ROM for voice output.
NDR pin when using EXT command for the voice output. The voice data
input is effective at “H” level.
“H” level at power on.
9
RESET
I
When “L” level is input to this pin, the device is reset, the oscillation
stops, and AOUT and DAQ outputs go into GND level.
10
TEST
I
Test pin for the device.
Input “L” level to this pin. This pin has a pull-down resistor built in.
14
XT
I
Wired to a crystal or ceramic oscillator.
A feedback resistor of around 1 M
Ω is built in between this XT pin and
XT pin (pin 15).
When using an external clock, input the clock from this pin.
15
XT
O
Wired to a ceramic or crystal oscillator.
When using an external clock, keep this pin open.
16, 18, 19, 20
D3
D2
D1
D0
I/O
CPU interface data bus pins in the parallel input interface.
Channel status output pins when
RD is at “L” level.
The pins output the flash memory data when reading the built-in flash
memory data.
In the serial input interface, keep these pins at “L” level.
21
D4
I/O
CPU interface data bus pin in the parallel input interface.
The pin outputs flash memory data when reading the built-in flash
memory data.
When
RD is at “L” level other than when reading the flash memory data,
this pin usually outputs “L” level.
In the serial input interface, keep this pin at “L” level.
23
D5/DO
I/O
CPU interface data bus pin in the parallel input interface.
The pin outputs flash memory data when reading the built-in flash
memory data.
When
RD is at “L” level other than when reading the flash memory data,
this pin usually outputs “L” level.
Channel status output pin in the serial input interface.
When
CS and RD are at “L” level, this D5/DO pin serially outputs the
status of each channel in synchronization with SCK clock. When
reading data of the built-in flash memory, the pin will output serially the
flash memory data.


Số phần tương tự - ML2252

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
OKI electronic componet...
ML2252-XXXGA OKI-ML2252-XXXGA Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
Micro Linear Corporatio...
ML2252BCP MICRO-LINEAR-ML2252BCP Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252BCQ MICRO-LINEAR-ML2252BCQ Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252CCP MICRO-LINEAR-ML2252CCP Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
More results

Mô tả tương tự - ML2252

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com