công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10138 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10138
Giải thích chi tiết về linh kiện  Bi-Quinary Counter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10138 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10138 Datasheet HTML 1Page - ON Semiconductor MC10138 Datasheet HTML 2Page - ON Semiconductor MC10138 Datasheet HTML 3Page - ON Semiconductor MC10138 Datasheet HTML 4Page - ON Semiconductor MC10138 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–41
REV 5
© Motorola, Inc. 1996
3/93
Bi-Quinary Counter
The MC10138 is a four bit counter capable of divide by two, five, or ten
functions. It is composed of four set–reset master–slave flip–flops. Clock
inputs trigger on the positive going edge of the clock pulse.
Set or reset input override the clock, allowing asynchronous “set” or
“clear.” Individual set and common reset inputs are provided, as well as
complementary outputs for the first and fourth bits.
PD = 370 mW typ/pkg (No Load)
ftog = 150 MHz typ
tr, tf = 2.5 ns typ (20%–80%)
2
LOGIC DIAGRAM
VCC1 = PIN 1; VCC2 = PIN 16; VEE = PIN 8
11
S0
Q0
Q0
14
9
12
Clock
Reset
D1
C1
R
Q
Q
S
15
Q’
10
S1
Q1
D1
C2
R
Q
Q
S
13
Q’
D2
C2
7
6
S2
Q2
D1
C2
R
Q
Q
S
4
Q’
C1
5
S3
Q3
Q3
3
D1
C2
R
Q’
Q
S
Q
D2
COUNTER TRUTH TABLES
BI–QUINARY
(Clock connected to C2
and Q3 connected to C1)
BCD
(Clock connected to C1
and Q0 connected to C2)
COUNT
Q1
Q2
Q3
Q0
COUNT
Q0
Q1
Q2
Q3
0
L
L
L
L
0
L
L
L
L
1
H
L
L
L
1
H
L
L
L
2
L
H
L
L
2
L
H
L
L
3
H
H
L
L
3
H
H
L
L
4
L
L
H
L
4
L
L
H
L
5
L
L
L
H
5
H
L
H
L
6
H
L
L
H
6
L
H
H
L
7
L
H
L
H
7
H
H
H
L
8
H
H
L
H
8
L
L
L
H
9
L
L
H
H
9
H
L
L
H
COUNTER STATE DIAGRAM — POSITIVE LOGIC
0
4
71
32
6
5
98
7
65
11
13
12
10
15
14
01
2
3
4
CLOCK CONNECTED TO C2
Q0 CONNECTED TO C2
MC10138
DIP
PIN ASSIGNMENT
VCC1
Q3
Q3
Q2
S3
S2
C2
VEE
VCC2
Q0
Q0
Q1
C1
S0
S1
RESET
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


Số phần tương tự - MC10138

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10138 ONSEMI-MC10138 Datasheet
117Kb / 8P
   Bi-Quinary Counter
January, 2002 ??Rev. 7
MC10138FN ONSEMI-MC10138FN Datasheet
117Kb / 8P
   Bi-Quinary Counter
January, 2002 ??Rev. 7
MC10138L ONSEMI-MC10138L Datasheet
117Kb / 8P
   Bi-Quinary Counter
January, 2002 ??Rev. 7
MC10138P ONSEMI-MC10138P Datasheet
117Kb / 8P
   Bi-Quinary Counter
January, 2002 ??Rev. 7
MC10138 ONSEMI-MC10138_02 Datasheet
117Kb / 8P
   Bi-Quinary Counter
January, 2002 ??Rev. 7
More results

Mô tả tương tự - MC10138

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10138 ONSEMI-MC10138_02 Datasheet
117Kb / 8P
   Bi-Quinary Counter
January, 2002 ??Rev. 7
logo
Motorola, Inc
MPG1678 MOTOROLA-MPG1678 Datasheet
708Kb / 12P
   Bi-Quinary Counter
logo
National Semiconductor ...
74LS168 NSC-74LS168 Datasheet
131Kb / 6P
   54LS168 Synchronous Bi-Directional BCD Decade Counter
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
   Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
   Counter
KCM-70-V PF-KCM-70-V Datasheet
243Kb / 2P
   Counter
KCM-70A-V PF-KCM-70A-V Datasheet
206Kb / 2P
   Counter
KCM-70A-C PF-KCM-70A-C Datasheet
206Kb / 2P
   Counter
KCM-70-C PF-KCM-70-C Datasheet
243Kb / 2P
   Counter
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com