công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10124 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC10124
Giải thích chi tiết về linh kiện  Quad TTL to MECL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10124 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC10124 Datasheet HTML 1Page - ON Semiconductor MC10124 Datasheet HTML 2Page - ON Semiconductor MC10124 Datasheet HTML 3Page - ON Semiconductor MC10124 Datasheet HTML 4Page - ON Semiconductor MC10124 Datasheet HTML 5Page - ON Semiconductor MC10124 Datasheet HTML 6Page - ON Semiconductor MC10124 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC10124
3–85
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
(mA)
@ Test Temperature
VR
VCC
VEE
II
Iin
–30
°C
+2.40
+5.00
–5.2
–10
+1.0
+25
°C
+2.40
+5.00
–5.2
–10
+1.0
+85
°C
+2.40
+5.00
–5.2
–10
+1.0
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
Gd
Characteristic
Symbol
Under
Test
VR
VCC
VEE
II
Iin
Gnd
Negative Power Supply Drain
Current
IE
8
9
8
16
Positive Power Supply Drain
Ct
ICCH
9
9
8
16
pp y
Current
ICCL
9
9
8
5,6,7,10,11,16
Reverse Current
IR
6
7
6
7
9
9
8
8
16
16
Forward Current
IF
6
7
9
9
8
8
16
16
Input Breakdown Voltage
BVin
6
7
9
9
8
8
6
7
5,7,10,11,16
6,16
Clamp Input Voltage
VI
6
7
9
9
8
8
6
7
16
16
High Output Voltage
VOH
1
3
9
9
8
8
16
16
Low Output Voltage
VOL
1
3
9
9
8
8
16
16
High Threshold Voltage
VOHA
1
3
9
9
8
8
16
16
Low Threshold Voltage
VOLA
1
3
9
9
8
8
16
16
Switching Times
(50
Ω Load)
+7.0 V
–3.2 V
+2.0 V
Propagation Delay
(+3.5Vdc to 50%)1
t6+1+
t6–1–
t7+1+
t7–1–
t7+3–
t7–3+
1
1
1
1
3
3
9
9
9
9
9
9
8
8
8
8
8
8
16
16
16
16
16
16
Rise Time
(20 to 80%)
t1+
1
9
8
16
Fall Time
(20 to 80%)
t1–
1
9
8
16
1. See switching time test circuit. Propagation delay for this circuit is specified from +1.5Vdc in to the 50% point on the output waveform. The
+3.5Vdc is shown here because all logic and supply levels are shifted 2 volts positive.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Số phần tương tự - MC10124

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10124FN ONSEMI-MC10124FN Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10124L ONSEMI-MC10124L Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10124P ONSEMI-MC10124P Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
More results

Mô tả tương tự - MC10124

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com