công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVELT23DR2G bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC100LVELT23DR2G
Giải thích chi tiết về linh kiện  3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT23DR2G bảng dữ liệu(HTML) 8 Page - ON Semiconductor

  MC100LVELT23DR2G Datasheet HTML 1Page - ON Semiconductor MC100LVELT23DR2G Datasheet HTML 2Page - ON Semiconductor MC100LVELT23DR2G Datasheet HTML 3Page - ON Semiconductor MC100LVELT23DR2G Datasheet HTML 4Page - ON Semiconductor MC100LVELT23DR2G Datasheet HTML 5Page - ON Semiconductor MC100LVELT23DR2G Datasheet HTML 6Page - ON Semiconductor MC100LVELT23DR2G Datasheet HTML 7Page - ON Semiconductor MC100LVELT23DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC100LVELT23
http://onsemi.com
8
PACKAGE DIMENSIONS
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC100LVELT23/D
ECLinPS is a trademark of Semiconductor Components INdustries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Số phần tương tự - MC100LVELT23DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVELT23DR2G ONSEMI-MC100LVELT23DR2G Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23DR2G ONSEMI-MC100LVELT23DR2G Datasheet
162Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
More results

Mô tả tương tự - MC100LVELT23DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVELT23 ONSEMI-MC100LVELT23_16 Datasheet
162Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
MC100LVELT23 ONSEMI-MC100LVELT23_06 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100EPT26 ONSEMI-MC100EPT26_16 Datasheet
165Kb / 8P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
August, 2016 ??Rev. 17
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com