công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVELT23DR2 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100LVELT23DR2
Giải thích chi tiết về linh kiện  3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT23DR2 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100LVELT23DR2 Datasheet HTML 1Page - ON Semiconductor MC100LVELT23DR2 Datasheet HTML 2Page - ON Semiconductor MC100LVELT23DR2 Datasheet HTML 3Page - ON Semiconductor MC100LVELT23DR2 Datasheet HTML 4Page - ON Semiconductor MC100LVELT23DR2 Datasheet HTML 5Page - ON Semiconductor MC100LVELT23DR2 Datasheet HTML 6Page - ON Semiconductor MC100LVELT23DR2 Datasheet HTML 7Page - ON Semiconductor MC100LVELT23DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. 12
1
Publication Order Number:
MC100LVELT23/D
MC100LVELT23
3.3 VDual Differential
LVPECL/LVDS to LVTTL
Translator
The MC100LVELT23 is a dual differential LVPECL/LVDS to
LVTTL translator. Because LVPECL (Positive ECL) or LVDS levels
are used only +3.3 V and ground are required. The small outline 8-lead
package and the dual gate design of the LVELT23 makes it ideal for
applications which require the translation of a clock and a data signal.
The LVELT23 is available in only the ECL 100K standard. Since
there are no LVPECL outputs or an external VBB reference, the
LVELT23 does not require both ECL standard versions. The LVPECL
inputs are differential. Therefore, the MC100LVELT23 can accept any
standard differential LVPECL input referenced from a VCC of +3.3 V.
2.0 ns Typical Propagation Delay
Maximum Frequency > 180 MHz
Differential LVPECL Inputs
PECL Mode Operating Range:V
CC = 3.0 V to 3.8 V
with GND = 0 V
24 mA LVTTL Outputs
Flow Through Pinouts
Internal Pulldown and Pullup Resistors
Pb−Free Package is Available
*For additional marking information, refer to
Application Note AND8002/D.
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
1
8
1
8
ALYW
KR23
1
8
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
KVT23
ALYW
1
8


Số phần tương tự - MC100LVELT23DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVELT23DR2 ONSEMI-MC100LVELT23DR2 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23DR2G ONSEMI-MC100LVELT23DR2G Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23DR2G ONSEMI-MC100LVELT23DR2G Datasheet
162Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
More results

Mô tả tương tự - MC100LVELT23DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVELT23 ONSEMI-MC100LVELT23_16 Datasheet
162Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
MC100LVELT23 ONSEMI-MC100LVELT23_06 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_16 Datasheet
362Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 14
MC100EPT26 ONSEMI-MC100EPT26_16 Datasheet
165Kb / 8P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
August, 2016 ??Rev. 17
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com