công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVEP111FA bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC100LVEP111FA
Giải thích chi tiết về linh kiện  Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP111FA bảng dữ liệu(HTML) 7 Page - ON Semiconductor

  MC100LVEP111FA Datasheet HTML 1Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 2Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 3Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 4Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 5Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 6Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 7Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC100LVEP111
http://onsemi.com
7
Table 9. AC CHARACTERISTICS VCC = 0 V; VEE = −2.375 to −3.8 V or VCC = 2.375 to 3.8 V; VEE = 0 V (Note 14)
Symbol
−40°C
25°C
85°C
Unit
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmaxPECL/HSTL Maximum Frequency (Figure 4)
3
3
3
GHz
tPLH
tPHL
Propagation Delay
(Differential Configuration)
325
400
475
350
430
500
375
510
590
ps
tskew
Within−Device Skew (Note 15)
Within−Device Skew @ 2.5 V (Note 15)
Device−to−Device Skew (Note 16)
20
20
85
25
25
150
20
20
85
25
25
150
25
20
85
35
25
150
ps
tJITTER
CLOCK Random Jitter (RMS)
@ v0.5 GHz
@ v1.0 GHz
@ v1.5 GHz
@ v2.0 GHz
@ v2.5 GHz
@ v3.0 GHz
0.209
0.200
0.197
0.220
0.232
0.348
0.5
0.5
0.4
0.5
0.4
0.6
0.204
0.214
0.213
0.224
0.290
0.545
0.5
0.6
0.5
0.5
0.5
0.8
0.221
0.229
0.243
0.292
0.522
0.911
0.5
0.5
0.4
0.6
0.8
1.3
ps
VPP
Input Swing (Differential Interconnect
Configuration) Measured Single−Ended
150
800
1200
150
800
1200
150
800
1200
mV
tr/tf
Output Rise/Fall Time (20%−80%)
105
200
255
125
200
275
150
230
320
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Measured with 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
15.Skew is measured between outputs under identical transitions and conditions on any one device.
16.Device−to−Device skew for identical transitions at identical VCC levels.
0
100
200
300
400
500
600
700
800
0
1000
2000
3000
4000
5000
6000
Figure 4. Fmax Typical
FREQUENCY (MHz)


Số phần tương tự - MC100LVEP111FA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEP111FA ONSEMI-MC100LVEP111FA Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP111FAG ONSEMI-MC100LVEP111FAG Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP111FAG ONSEMI-MC100LVEP111FAG Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100LVEP111FAR2 ONSEMI-MC100LVEP111FAR2 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP111FARG ONSEMI-MC100LVEP111FARG Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
More results

Mô tả tương tự - MC100LVEP111FA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com