công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVELT22 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC100LVELT22
Giải thích chi tiết về linh kiện  Dual LVTTL/LVCMOS to Differential LVPECL Translator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT22 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC100LVELT22 Datasheet HTML 1Page - ON Semiconductor MC100LVELT22 Datasheet HTML 2Page - ON Semiconductor MC100LVELT22 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC100LVELT22
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3–2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
7.0
V
VIN
Input Voltage
0 to VCC
V
IOUT
Current Applied to Output in Low Output State
Continuous
Surge
50
100
mA
TA
Operating Temperature Range (In Free-Air)
–40 to 85
°C
TSTG
Storage Temperature Range
–55 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
LVTTL/LVCMOS INPUT DC CHARACTERISTICS (VCC = 3.3V ±5%; TA = –40°C to 85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
IIH
Input HIGH Current
20
µA
VIN = 2.7V
IIHH
Input HIGH Current
100
µA
VIN = VCC
IIL
Input LOW Current
–0.2
mA
VIN = 0.5V
VIK
–1.2
V
IIN = –18mA
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
LVPECL OUTPUT DC CHARACTERISTICS (VCC = 3.3V ±5%; TA = –40°C to 85°C)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
Condition
VOH
Output HIGH Voltage
2.275
2.420
2.275
2.420
2.275
2.345
2.420
2.275
2.420
V
VCC = 3.3V
Note 1.
VOL
Output LOW Voltage
1.490
1.680
1.490
1.680
1.490
1.595
1.680
1.490
1.680
V
VCC = 3.3V
Note 1.
ICC
Power Supply Current
23
23
23
24
mA
1. Levels will vary 1:1 with VCC.
AC CHARACTERISTICS (VCC = 3.3V ±5%; TA = –40°C to 85°C)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
Condition
tPLH
Propagation Delay
200
600
200
600
200
350
600
200
600
ps
Note 2.
tskew
Skew Output–to–Output
Part–to–Part
100
400
100
400
30
100
400
100
400
ps
tr/tf
Output Rise/Fall Time
250
550
200
500
200
500
200
500
ps
20–80%
fMAX
Maximum Input
Frequency
300
300
300
300
MHz
Note 3.
2. Specifications for standard TTL input signal.
3. fMAX specification is set to anticipated input frequency limitations.


Số phần tương tự - MC100LVELT22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
MC100LVELT22D ONSEMI-MC100LVELT22D Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
MC100LVELT22D ONSEMI-MC100LVELT22D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVELT22DG ONSEMI-MC100LVELT22DG Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
More results

Mô tả tương tự - MC100LVELT22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Fairchild Semiconductor
100LVELT22 FAIRCHILD-100LVELT22 Datasheet
119Kb / 5P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Potato Semiconductor Co...
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com