công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVEL92 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100LVEL92
Giải thích chi tiết về linh kiện  Triple PECL to LVPECL Translator?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL92 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100LVEL92 Datasheet HTML 1Page - ON Semiconductor MC100LVEL92 Datasheet HTML 2Page - ON Semiconductor MC100LVEL92 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 2
© Motorola, Inc. 1997
7/97
Triple PECL to LVPECL
Translator
The MC100LVEL92 is a triple PECL to LVPECL translator. The device
receives standard PECL signals and translates them to differential
LVPECL output signals.
500ps Propagation Delays
Fully Differential Design
20–Lead SOIC Package
5V and 3.3V Supplies Required
>1500V ESD
A PECL VBB output is provided for interfacing single ended PECL
signals at the inputs. If a single ended PECL input is to be used the PECL
VBB output should be connected to the D input and the active signal will
drive the D input. When used the PECL VBB should be bypassed to
ground via a 0.01
µf capacitor. The PECL VBB is designed to act as a
switching reference for the MC100LVEL92 under single ended input
conditions, as a result the pin can only source/sink 0.5mA of current.
To accomplish the PECL to LVPECL level translation, the
MC100LVEL92 requires three power rails. The VCC supply is to be
connected to the standard PECL supply, the LVCC supply is to be
connected to the LVPECL supply, and Ground is connected to the system
ground plane. Both the VCC and LVCC should be bypassed to ground
with a 0.01
µf capacitor.
Under open input conditions, the D input will be biased at a VCC/2
voltage level and the D input will be pulled to ground. This condition will
force the “Q” output low, ensuring stability.
D2
D1
Logic Diagram and Pinout: 20-Lead SOIC (Top View)
D1
17
18
16
15
14
13
12
4
3
5678
9
Q0
11
10
Q1
Q1
Q2
Q2
VCC
D0
19
20
2
1
VCC
Q0
D0
D2
VCC
GND
LVCC
PECL
VBB
LVCC
PECL
VBB
PECL
LVPECL
PECL
LVPECL
PECL
LVPECL
MC100LVEL92
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D-04
1
20
PIN NAMES
Function
PECL Inputs
LVPECL Outputs
PECL Reference Voltage Output
VCC for LVPECL Output
VCC for PECL Inputs
Common Ground Rail
Pins
Dn
Qn
VBB
LVCC
VCC
GND


Số phần tương tự - MC100LVEL92

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
MC100LVEL92DW ONSEMI-MC100LVEL92DW Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92DWG ONSEMI-MC100LVEL92DWG Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
More results

Mô tả tương tự - MC100LVEL92

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
SY100EL92 MICREL-SY100EL92_06 Datasheet
62Kb / 5P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
   TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY100E417 MICREL-SY100E417_06 Datasheet
71Kb / 5P
   QUINT LVPECL-TO-PECL QUINT LVPECL-TO-PECL TRANSLATOR
SY100E417 MICREL-SY100E417 Datasheet
73Kb / 5P
   QUINT LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com