công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EL91 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC100EL91
Giải thích chi tiết về linh kiện  Triple PECL to ECL Translator?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL91 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC100EL91 Datasheet HTML 1Page - ON Semiconductor MC100EL91 Datasheet HTML 2Page - ON Semiconductor MC100EL91 Datasheet HTML 3Page - ON Semiconductor MC100EL91 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MC100LVEL91 MC100EL91
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
4–4
OUTLINE DIMENSIONS
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D–04
ISSUE E
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
0.510
0.299
0.104
0.019
0.035
0.012
0.009
7
°
0.415
0.029
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0
°
0.395
0.010
12.95
7.60
2.65
0.49
0.90
0.32
0.25
7
°
10.55
0.75
12.65
7.40
2.35
0.35
0.50
0.25
0.10
0
°
10.05
0.25
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.150
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
1.27 BSC
0.050 BSC
–A
–B
P 10 PL
110
11
20
–T
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
0.010 (0.25)
B
M
M
0.010 (0.25)
T
A
B
M
S
S
G 18 PL
F
J
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
MC100LVEL91/D
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/


Số phần tương tự - MC100EL91

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EL91 ONSEMI-MC100EL91 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91 Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
MC100EL91DW ONSEMI-MC100EL91DW Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EL91DWG ONSEMI-MC100EL91DWG Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EL91DWG ONSEMI-MC100EL91DWG Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
More results

Mô tả tương tự - MC100EL91

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY100EL91 MICREL-SY100EL91_06 Datasheet
57Kb / 5P
   TRIPLE PECL-TO-ECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
MC100EL91 ONSEMI-MC100EL91 Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com