công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVEL91 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC100LVEL91
Giải thích chi tiết về linh kiện  Triple PECL to ECL Translator?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL91 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC100LVEL91 Datasheet HTML 1Page - ON Semiconductor MC100LVEL91 Datasheet HTML 2Page - ON Semiconductor MC100LVEL91 Datasheet HTML 3Page - ON Semiconductor MC100LVEL91 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC100LVEL91 MC100EL91
4–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
MC100LVEL91
AC CHARACTERISTICS (VEE = –3.0V to –3.8V; VCC = 3.0V to 3.6V)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH
tPHL
Propagation Delay
Diff
D to Q
S.E.
490
440
590
590
690
740
510
460
610
610
710
760
520
470
620
620
720
770
560
510
660
660
760
810
ps
tSKEW
Skew
Output–to–Output (Note 3.)
Part–to–Part (Diff) (Note 3.)
Duty Cycle (Diff) (Note 4.)
40
25
100
200
40
25
100
200
40
25
100
200
40
25
100
200
ps
VPP
Minimum Input Swing
(Note 5.)
200
200
200
200
mV
VCMR
Common Mode Range
(Note 6.)
VPP < 500mV
VPP ≥ 500mV
1.3
1.5
VCC–0.2
VCC–0.2
1.2
1.4
VCC–0.2
VCC–0.2
1.2
1.4
VCC–0.2
VCC–0.2
1.2
1.4
VCC–0.2
VCC–0.2
V
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
320
400
580
320
400
580
320
400
580
320
400
580
ps
3. Skews are valid across specified voltage range, part–to–part skew is for a given temperature.
4. Duty cycle skew is the difference between a TPLH and TPHL propagation delay through a device.
5. Minimum input swing for which AC parameters guaranteed. The device has a DC gain of
≈40.
6. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak–to–peak voltage lies between VPPmin and 1V.
MC100EL91
AC CHARACTERISTICS (VEE = –4.20V to –5.5V; VCC = 4.75V to 5.25V)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH
tPHL
Propagation Delay D to Q
(Note 11.)
Diff
S.E.
540
490
640
640
740
790
560
510
660
660
760
810
570
520
670
670
770
820
610
560
710
710
810
860
ps
tSKEW
Skew
Output–to–Output (Note 7.)
Part–to–Part (Diff) (Note 7.)
Duty Cycle (Diff) (Note 8.)
40
25
100
200
40
25
100
200
40
25
100
200
40
25
100
200
ps
VPP
Minimum Input Swing
(Note 9.)
200
200
200
200
mV
VCMR
Common Mode Range
(Note 10.)
VPP < 500mV
VPP ≥ 500mV
1.3
1.5
VCC–0.2
VCC–0.2
1.2
1.4
VCC–0.2
VCC–0.2
1.2
1.4
VCC–0.2
VCC–0.2
1.2
1.4
VCC–0.2
VCC–0.2
V
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
320
400
580
320
400
580
320
400
580
320
400
580
ps
7. Skews are valid across specified voltage range, part–to–part skew is for a given temperature.
8. Duty cycle skew is the difference between a TPLH and TPHL propagation delay through a device.
9. Minimum input swing for which AC parameters guaranteed. The device has a DC gain of
≈40.
10. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak–to–peak voltage lies between VPPmin and 1V.
11. The MC100EL91 design has different propagation delays compared to the MC100LVEL91 due to differences in the translation structure.


Số phần tương tự - MC100LVEL91

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL91DW ONSEMI-MC100LVEL91DW Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
MC100LVEL91DWG ONSEMI-MC100LVEL91DWG Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
More results

Mô tả tương tự - MC100LVEL91

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY100EL91 MICREL-SY100EL91_06 Datasheet
57Kb / 5P
   TRIPLE PECL-TO-ECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
MC100EL91 ONSEMI-MC100EL91 Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com