công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVEL40 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100LVEL40
Giải thích chi tiết về linh kiện  Phase-Frequency Detector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL40 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100LVEL40 Datasheet HTML 1Page - ON Semiconductor MC100LVEL40 Datasheet HTML 2Page - ON Semiconductor MC100LVEL40 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 0
© Motorola, Inc. 1997
5/97
Product Preview
Phase-Frequency Detector
The MC100LVEL40 is a phase/frequency detector intended for
phase–locked loop applications which require a minimum amount of
phase and frequency difference at lock. The device is a basic three state
phase detector with differential inputs and outputs. The device is
designed to work from either a 3.3V or 5.0V power supply.
When the reference (R) and the feedback (FB) inputs are unequal in
frequency and/or phase the differential up (U) and down (D) outputs will
provide pulse streams which when subtracted and integrated provide an
error voltage for control of a VCO.
250MHz Typical Bandwidth
Small Outline 20–Lead SOIC Packaging
>2000V ESD Protection
Figure 1. 20–Lead Pinout (Top View)
19
20
18
17
16
15
14
2
1
34567
NC
13
8
12
9
11
10
VCCO
U
U
VEE
D
D
VCCO
NC
NC
NC
NC
R
R
VBB
FB
FB
VCC
NC
NC
Figure 2. Logic Diagram
R
R
SQ
R
FB
FB
SQ
R
VBB
U
U
D
D
3.3V ECL DC CHARACTERISTICS (TA = –40°C to 85°C; VEE = –3.0V to –3.8V; VCC = GND)
–40
°C
0
°C to +85°C
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
–1085
–1005
–880
–1025
–955
–880
V
VOL
Output LOW Voltage
–1830
–1695
–1555
–1810
–1705
–1620
V
VIH
Input HIGH Voltage
–1165
–880
–1165
–880
V
VIL
Input LOW Voltage
–1810
–1475
–1810
–1475
V
IIL
Input LOW Current
0.5
0.5
µA
IEE
Power Supply Current
45
45
mA
This document contains information on a product under development. Motorola reserves the right to change or
discontinue this product without notice.
MC100LVEL40
DW SUFFIX
20–LEAD PLASTIC SOIC WIDE PACKAGE
CASE 751D–04


Số phần tương tự - MC100LVEL40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL40 ONSEMI-MC100LVEL40 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40 ONSEMI-MC100LVEL40 Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
   3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
More results

Mô tả tương tự - MC100LVEL40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
   Phase-Frequency Detector
logo
ON Semiconductor
MCK1214 ONSEMI-MCK1214 Datasheet
49Kb / 4P
   Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140 ONSEMI-MCH12140_06 Datasheet
130Kb / 5P
   Phase-Frequency Detector
July, 2006 ??Rev. 9
logo
Agere Systems
LUCDA4044 AGERE-LUCDA4044 Datasheet
210Kb / 6P
   Phase Frequency Detector
logo
Motorola, Inc
MC4344 MOTOROLA-MC4344 Datasheet
1Mb / 18P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML12040 LANSDALE-ML12040 Datasheet
86Kb / 1P
   PHASE FREQUENCY DETECTOR
ML4044 LANSDALE-ML4044_08 Datasheet
7Mb / 5P
   Phase Frequency Detector
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com