công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVEL37 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100LVEL37
Giải thích chi tiết về linh kiện  1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL37 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100LVEL37 Datasheet HTML 1Page - ON Semiconductor MC100LVEL37 Datasheet HTML 2Page - ON Semiconductor MC100LVEL37 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 0
© Motorola, Inc. 1997
5/97
Product Preview
1:4 ÷1/÷2 ECL/PECL Clock
Fanout Buffer
The MC100LVEL37 is a fully differential 1:4 fanout buffer. The device
offers two outputs at
÷1 of the input frequrency, and two outputs at ÷2 of
the input frequency. The Low Output–Output Skew of the device makes it
ideal for distributing1x and 1/2x frequency synchronous signals.
The differential inputs have special circuitry which ensures device
stability under open input conditions. When both differential inputs are left
open the D input will pull down to VEE, The D input will bias around VCC/2
and the Q output will go LOW.
Differential Inputs and Outputs
20–Lead SOIC Packaging
700ps Typical Propagation Delays
50ps Output–Output Skews
Low Voltage 100K ECL
>2000V ESD Protection
Figure 1. 20–Lead Pinout (Top View)
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
VCC
CLK0 CLK0 Clk_Sel CLK1 CLK1
MR
VEE
19
20
18
17
16
15
14
2
1
34567
NC
13
8
12
9
11
10
NC
NC
NC
÷1 ÷2
MC100LVEL37
DC CHARACTERISTICS (VEE = –3.0V to –3.8V; VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
38
38
38
38
mA
IIH
Input HIGH Current
150
150
150
150
µA
IINL
Input LOW Current
CLKn
CLKn
0.5
–300
0.5
–300
0.5
–300
0.5
–300
µA
This document contains information on a product under development. Motorola reserves the right to change or
discontinue this product without notice.
MC100LVEL37
PIN NAMES
Function
Differential Clock Outputs
Differential Clock Inputs
Input Clock Selection
‘0’ Selects CLK0; ‘1‘ Selects CLK1
Asynchronous Master Reset
‘1’ Resets Dividers
Pins
Qna, Qna
CLKn, CLKn
Clk_Sel
MR
DW SUFFIX
20–LEAD PLASTIC SOIC WIDE PACKAGE
CASE 751D–04


Số phần tương tự - MC100LVEL37

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
MC100LVEL37DW ONSEMI-MC100LVEL37DW Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37DWG ONSEMI-MC100LVEL37DWG Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37DWG ONSEMI-MC100LVEL37DWG Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
More results

Mô tả tương tự - MC100LVEL37

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_06 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_12 Datasheet
489Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
List of Unclassifed Man...
AZP92 ETC1-AZP92 Datasheet
119Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
logo
Arizona Microtek, Inc
AZP92_1308 AZM-AZP92_1308 Datasheet
467Kb / 8P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP92 AZM-AZP92_09 Datasheet
171Kb / 9P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
AZP94 AZM-AZP94_09 Datasheet
202Kb / 10P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Arizona Microtek, Inc
AZP94 AZM-AZP94 Datasheet
141Kb / 8P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
AZP94_1205 AZM-AZP94_1205 Datasheet
545Kb / 9P
   PECL/ECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com