công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST24E64EM6TR bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện ST24E64EM6TR
Giải thích chi tiết về linh kiện  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24E64EM6TR bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button ST24E64EM6TR Datasheet HTML 6Page - STMicroelectronics ST24E64EM6TR Datasheet HTML 7Page - STMicroelectronics ST24E64EM6TR Datasheet HTML 8Page - STMicroelectronics ST24E64EM6TR Datasheet HTML 9Page - STMicroelectronics ST24E64EM6TR Datasheet HTML 10Page - STMicroelectronics ST24E64EM6TR Datasheet HTML 11Page - STMicroelectronics ST24E64EM6TR Datasheet HTML 12Page - STMicroelectronics ST24E64EM6TR Datasheet HTML 13Page - STMicroelectronics ST24E64EM6TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
BYTE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01106
PAGE WRITE
(cont’d)
WC (cont’d)
DATA IN N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK
Figure 8. Write Modes Sequence with Write Control = 0
Read Operations
On delivery, the memory content is set at all ”1’s”
(or FFh).
Current Address Read. The ST24/25E64 have
an internal 13 bits address counter. Each time a
byte is read, this counter is incremented. For the
Current Address Read mode, following a START
condition, the master sends a Device Select with
the RW bit set to ’1’. The ST24/25E64acknowledge
this and outputs the byte addressed by the internal
address counter. This counter is then incremented.
The master does NOT acknowledge the byte out-
put, but terminates the transfer with a STOP con-
dition.
Random Address Read. A dummy write is per-
formed to load the address into the address
counter, see Figure 10. This is followed by another
START condition from the master and the byte
address repeated with the RW bit set to ’1’. The
ST24/25E64 acknowledge this and outputs the
byte addressed. The master does NOT acknow-
ledge the byte output, but terminates the transfer
with a STOP condition.
Sequential Read. This mode can be initiated with
either a Current Address Read or a Random Ad-
dress Read. However, in this case the master
DOES acknowledge the data byte output and the
ST24/25E64 continue to output the next byte in
10/16
ST24E64, ST25E64


Số phần tương tự - ST24E64EM6TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32B1TR STMICROELECTRONICS-ST24E32B1TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32B3TR STMICROELECTRONICS-ST24E32B3TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E32B6TR STMICROELECTRONICS-ST24E32B6TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
More results

Mô tả tương tự - ST24E64EM6TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
   8K I2C??Serial EEPROM
2002-2012
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com