công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EL30 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100EL30
Giải thích chi tiết về linh kiện  Triple D Flip-Flop With Set and Reset
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL30 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100EL30 Datasheet HTML 1Page - ON Semiconductor MC100EL30 Datasheet HTML 2Page - ON Semiconductor MC100EL30 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 2
© Motorola, Inc. 1996
5/96
Triple D Flip-Flop
With Set and Reset
The MC100LVEL30 is a triple master–slave D flip flop with differential
outputs. The MC100EL30 is pin and functionally equivalent to the
MC100LVEL30 but is specified for operation at the standard 100E ECL
voltage supply. Data enters the master latch when the clock input is LOW
and transfers to the slave upon a positive transition on the clock input.
In addition to a common Set input individual Reset inputs are provided
for each flip flop. Both the Set and Reset inputs function asynchronous
and overriding with respect to the clock inputs.
1200MHz Minimum Toggle Frequency
20–Lead SOIC Packaging
550ps Typical Propagation Delays
Set and Reset Inputs
Supports both Standard and Low Voltage 100K ECL
Internal Input Pulldown Resistors
>2000V ESD Protection
D1
Logic Diagram and Pinout: 20-Lead SOIC (Top View)
R0
R1
D2
17
18
16
15
14
13
12
4
3
5
6
7
8
9
Q0
11
10
VCC
Q1
Q1
VCC
Q2
Q2
VEE
D0
19
20
2
1
VCC
Q0
CLK0
CLK1
S012
CLK2
R2
D
R
S
Q
Q
D
R
S
Q
Q
D
R
S
Q
Q
MC100LVEL30
MC100EL30
R
L
L
H
L
H
TRUTH TABLE
S
L
L
L
H
H
D
L
H
X
X
X
CLK
Z
Z
X
X
X
Q
L
H
L
H
Undef
Z = LOW to HIGH Transition
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D–04
1
20
Q
H
L
H
L
Undef
PIN NAMES
Function
Data Inputs
Reset Inputs
Clock Inputs
Common Set Input
Pins
D0–D2
R0–R2
CLK0–CLK2
S012


Số phần tương tự - MC100EL30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EL30 ONSEMI-MC100EL30 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100EL30DW ONSEMI-MC100EL30DW Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100EL30DWG ONSEMI-MC100EL30DWG Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100EL30DWR2 ONSEMI-MC100EL30DWR2 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100EL30DWR2G ONSEMI-MC100EL30DWR2G Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
More results

Mô tả tương tự - MC100EL30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com