công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-W6753 bảng dữ liệu(PDF) 1 Page - Allegro MicroSystems

tên linh kiện STR-W6753
Giải thích chi tiết về linh kiện  Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-W6753 bảng dữ liệu(HTML) 1 Page - Allegro MicroSystems

  STR-W6753 Datasheet HTML 1Page - Allegro MicroSystems STR-W6753 Datasheet HTML 2Page - Allegro MicroSystems STR-W6753 Datasheet HTML 3Page - Allegro MicroSystems STR-W6753 Datasheet HTML 4Page - Allegro MicroSystems STR-W6753 Datasheet HTML 5Page - Allegro MicroSystems STR-W6753 Datasheet HTML 6Page - Allegro MicroSystems STR-W6753 Datasheet HTML 7Page - Allegro MicroSystems STR-W6753 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Universal-Input/58 W Off-Line Quasi-
Resonant Flyback Switching Regulator
STR-W6753
Sanken Power Devices
from Allegro MicroSystems
Switching
Regulators
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Control Supply Voltage, VCC . . . . 35 V
Drain-Source Voltage, VDSS . . . . . . 650 V
Drain Switching Current, ID . . . 11.2 A*
Peak Drain Switching Current,
IDM . . . . . . . . . . . . . . . . . . . . . 11.2 A
Single-Pulse Avalanche Energy,
EAS . . . . . . . . . . . . . . . . . . . 145 mJ
OCP/BD Voltage Range,
VOCP . . . . . . . . . . . . –1.5 V to +5 V
FB Input Current, IFB . . . . . . . .
10 mA
FB Voltage Range, VFP
–0.5 V to +9 V
Package Power Dissipation, PD
control (VCC × ICC(ON)) . . . . . . 0.8 W
MOSFET (VDSS × ID) . . . See Graph
MOSFET Channel Temp., TJ . +150°C
Internal Frame Temp., TF . . . . +115°C
Operating Temperature Range,
TA . . . . . . . . . . .
-20°C to +115°C†
Storage Temperature Range,
TS . . . . . . . . . . . .
-40°C to +125°C
* Drain switching current is limited by tem-
perature (page 2) and safe operating area
(page 5).
†For the availability of parts meeting -40°C
requirements, contact Allegro’s Sales Represen-
tative.
The STR-W6753 is a quasi-resonant regulator specifically designed
to satisfy the requirements for increased integration and reliability in
switch-mode power supplies. It incorporates a primary control and drive
circuit with an avalanche-rated power MOSFET. The regulator exhibits
only low-level high-frequency EMI noise because of soft switching of
the MOSFET close to ground (bottom point). A bottom-skip function
minimizes an increase of operational frequency during light loads to
improve system efficiency over the entire load range.
Covering the power range from below 120 watts for a 230 VAC
input, or 58 watts for a universal input (85 to 264 VAC), this device can
be used in a range of applications, from DVD and VCR players to ac
adapters for cellular phones and digital cameras. An auto-standby
function, which is internally triggered by sensing on time, reduces
power consumption at light load. An externally triggered standby mode
reduces the input power further. Multiple protections, including the
avalanche-energy-guaranteed MOSFET, provide high reliability of
system design. Devices with an increased output power rating are the
STR-W6754 and STR-W6756.
Cycle-by-cycle current limiting, undervoltage lockout with hyster-
esis, and overvoltage protection protect the power supply during the
normal overload and fault conditions. Overvoltage protection is latched
after a short delay. The latch may be reset by cycling the input supply.
Low start-up current and a low-power standby mode selected from the
secondary circuit completes a comprehensive suite of features. The
STR-W6753 is provided in a fully molded TO-220-style flange-
mounted, high power, isolated plastic package.
FEATURES AND BENEFITS
■ Rugged 650 V Avalanche-Rated MOSFET
Simplified Surge Absorption
No VDSS Derating Required
■ 1.7
Ω Maximum r
DS(on)
■ Two Operational Modes by Automatic Switching:
Quasi-Resonant Mode for Normal Operation
Burst Mode for Standby Operation or Light Loads
■ Automatic or Manually Triggered Burst Standby
Input Power <0.1 W at No Load
■ Low Operating Current (6 mA typ)
— continued
Always order by complete part number, e.g., STR-W6753 .


Số phần tương tự - STR-W6753

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-W6753 SANKEN-STR-W6753 Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6753 SANKEN-STR-W6753 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
More results

Mô tả tương tự - STR-W6753

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-W6754 ALLEGRO-STR-W6754 Datasheet
195Kb / 8P
   Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
   Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-G6651 ALLEGRO-STR-G6651 Datasheet
175Kb / 8P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
logo
AUK corp
SQ6601PT AUK-SQ6601PT Datasheet
421Kb / 8P
   Off-Line Quasi-Resonance Flyback Switching Regulator
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com