công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB8670910 bảng dữ liệu(PDF) 2 Page - celduc-relais

tên linh kiện SMB8670910
Giải thích chi tiết về linh kiện  Three phase power solid state relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CELDUC [celduc-relais]
Trang chủ  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SMB8670910 bảng dữ liệu(HTML) 2 Page - celduc-relais

  SMB8670910 Datasheet HTML 1Page - celduc-relais SMB8670910 Datasheet HTML 2Page - celduc-relais SMB8670910 Datasheet HTML 3Page - celduc-relais SMB8670910 Datasheet HTML 4Page - celduc-relais SMB8670910 Datasheet HTML 5Page - celduc-relais SMB8670910 Datasheet HTML 6Page - celduc-relais SMB8670910 Datasheet HTML 7Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
page 2 / 7 GB/F
S/SMB8670910/A/15/03/2017
cel3pac
®
r
e
l
a
i
s
www.celduc.com
celduc9
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
Output characteristics (at 25°C) / Caractéristiques de sortie (25°C)
Parameter per leg / Paramètre par voie
Operating voltage range / Plage de tension d'utilisation
Conditions
Symbol
Ue
Min
150
Typ.
400
Max
520
Unit
V rms
Peak voltage / Tension crête
Zero cross level / Niveau de synchronisme
Latching voltage / Tension minimum amorçage
Nominal current / Courant nominal @40°C (AC-51)
(1)
Up
Usync
Ie nom
Ua
Ie AC-51
10
1600
35
V
V
10
V
A rms
Nominal current / Courant nominal @40°C (AC-53)
(1)
Non repetitive overload current / Courant de surcharge
On state voltage drop / Chute directe à l'état passant
On state dynamic resistance / Résistance dynamique
tp=20ms
Ie AC-53
Itsm
@ 25°C
Vt
rt
Output power dissipation (max value) / Puissance dissipée
(max)
Thermal resistance between junction to case (one leg)
Résistance thermique jonction/semelle (1 voie)
Off state leakage current / Courant de fuite à l'état bloqué
Minimum load current / Courant minimum de charge
Pd
Rthj/c
@Ue typ, 50Hz
Ilk
Iemin
1100
16
1200
4,5
A rms
A
1
V
mΩ
0,9x1xIe + 0,0045 x Ie²
0,3
5
W
K/W
1
mA
mA
Turn on time / Temps de fermeture (cycles)
Turn off time / Temps d'ouverture (cycles)
Operating frequency range / Fréquence utilisation
Off state dv/dt / dv/dt à l'état bloqué
ton max
toff max
F mains
f
dv/dt
Maximum di/dt non repetitive / di/dt max non répétitif
I2t (<10ms)
Conducted immunity level / Immunité conduite
Conducted immunity level / Immunité conduite
di/dt
I2t
IEC/EN61000-4-4 (bursts)
IEC/EN61000-4-5 (surge)
0,5
0,1
500
50-60
400
Hz
V/µs
6000
7200
4kV criterion A
4kV criterion A
50
A/µs
A2s
Short circuit protection / Protection court-circuit (@100kA)
type 2 coordination
Example
Fuse MERSEN type gRC
0,5
(1) : with heatsink see fig 1. / Avec dissipateur voir fig1.
Control characteristics (at 25°C) / Caractéristiques de commande (à 25°C)
Parameter / Paramètre
Symbol
Min
DC
Nom
Max
Unit
Control voltage / Tension de commande
Control current (@Uc ) / Courant de commande
Release voltage / Tension de relachement
Input internal resistor / Résistance interne
Uc
Ic
4
Uc off
Rc
2
<22
30
Current regulator
V
mA
V
Reverse voltage / Tension inverse
-Uc
30
V


Số phần tương tự - SMB8670910

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
celduc-relais
SMB8650510 CELDUC-SMB8650510 Datasheet
1Mb / 6P
   Three phase power solid state relay
More results

Mô tả tương tự - SMB8670910

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
celduc-relais
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT8698503 CELDUC-SGT8698503 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGB8890200 CELDUC-SGB8890200 Datasheet
678Kb / 6P
   Three phase power solid state relay
SGT759370 CELDUC-SGT759370 Datasheet
192Kb / 2P
   Three phase power solid state relay
SGT8850200 CELDUC-SGT8850200 Datasheet
701Kb / 6P
   Three phase power solid state relay
SGT8859200 CELDUC-SGT8859200 Datasheet
674Kb / 6P
   Three phase power solid state relay
SGT9834300 CELDUC-SGT9834300 Datasheet
713Kb / 6P
   Three phase power solid state relay
SGT9874300 CELDUC-SGT9874300 Datasheet
711Kb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com