công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EP16VC bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC100EP16VC
Giải thích chi tiết về linh kiện  3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VC bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC100EP16VC Datasheet HTML 1Page - ON Semiconductor MC100EP16VC Datasheet HTML 2Page - ON Semiconductor MC100EP16VC Datasheet HTML 3Page - ON Semiconductor MC100EP16VC Datasheet HTML 4Page - ON Semiconductor MC100EP16VC Datasheet HTML 5Page - ON Semiconductor MC100EP16VC Datasheet HTML 6Page - ON Semiconductor MC100EP16VC Datasheet HTML 7Page - ON Semiconductor MC100EP16VC Datasheet HTML 8Page - ON Semiconductor MC100EP16VC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC100EP16VC
http://onsemi.com
4
AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 12)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 2 Fmax/JITTER)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay
(Differential) Q
(Differential) QHG, QHG
(Single−Ended) Q
(Single−Ended) QHG, QHG
200
250
250
300
280
360
330
410
350
450
400
500
250
300
300
350
310
380
360
430
400
500
450
550
275
325
325
375
340
430
390
480
425
525
475
575
ps
tS
Setup Time
EN = L to D
EN =H to D
50
100
15
60
50
100
5
40
50
100
18
10
ps
tH
Hold Time
EN = L to D
EN =H to D
100
50
50
15
100
50
40
20
100
50
5
20
ps
tSKEW
Duty Cycle Skew (Note 13)
5.0
20
5.0
20
5.0
20
ps
tJITTER
RMS Random Clock Jitter
(See Figure 2 Fmax/JITTER)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Voltage Swing
HG
(Differential Configuration)
Q
25
150
800
800
1200
1200
25
150
800
800
1200
1200
25
150
800
800
1200
1200
mV
tr
tf
Output Rise/Fall Times
Q
(20% − 80%)
QHG, QHG
200
70
300
130
400
220
250
80
350
150
450
240
250
100
350
170
500
270
ps
12. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC−2.0 V.
13. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays
are measured from the cross point of the inputs to the cross point of the outputs.


Số phần tương tự - MC100EP16VC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EP16VC ONSEMI-MC100EP16VC Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
MC100EP16VCD ONSEMI-MC100EP16VCD Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
MC100EP16VCD ONSEMI-MC100EP16VCD Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP16VCDG ONSEMI-MC100EP16VCDG Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
MC100EP16VCDG ONSEMI-MC100EP16VCDG Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
More results

Mô tả tương tự - MC100EP16VC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EP16VC ONSEMI-MC100EP16VC_06 Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC100EP16VB ONSEMI-MC100EP16VB Datasheet
151Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain
December, 2006 ??Rev. 4
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
NBLVEP16VR ONSEMI-NBLVEP16VR Datasheet
117Kb / 14P
   2.5V/3.3V/5V ECL Differential Receiver/Driver with Oscillator Gain Stage and Enabled High Gain Outputs
December, 2003 ??Rev. 2
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com