công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EQY-12-24 bảng dữ liệu(PDF) 2 Page - Mini-Circuits

tên linh kiện EQY-12-24
Giải thích chi tiết về linh kiện  Gain Equalizers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EQY-12-24 bảng dữ liệu(HTML) 2 Page - Mini-Circuits

  EQY-12-24 Datasheet HTML 1Page - Mini-Circuits EQY-12-24 Datasheet HTML 2Page - Mini-Circuits EQY-12-24 Datasheet HTML 3Page - Mini-Circuits EQY-12-24 Datasheet HTML 4Page - Mini-Circuits EQY-12-24 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Gain Equalizer
50Ω
12dB
DC to 20 GHz
Microwave
simplified schematic & pad description
Product Features
• 12 dB Slope
• Small Package 2 x 2 mm MCLP
• Wide Bandwidth, DC-20 GHz
• Excellent Return Loss, 20 dB typ.
General Description
EQY-12-24+ is an absorptive Gain Equalizer fabricated using highly repetitive GaAs IPD MMIC process
incorporating resistors, capacitors and inductors having negative insertion loss slope. EQY-12-24+ has a
nominal attenuation slope of 12 dB and is packaged in tiny 2 x 2 mm, 8-Lead MCLPTM package.
Typical Applications
• Fixed Satellite
• Mobile
• Radio location
• Space research
CASE STYLE: MC1631-1
EQY-12-24+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
RF-IN
RF-OUT
REV. OR
M171292
EQY-12-24+
GY/RS/CP
190103
Function
Pad Number
Description
RF-IN
2
RF-Input pad
RF-OUT
7
RF-Output pad
GND
1,3,6,8 & Paddle
Ground
NC
4,5
No connection, connected to ground externally


Số phần tương tự - EQY-12-24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
EQY-12-24-D MINI-EQY-12-24-D Datasheet
281Kb / 4P
   Gain Equalizer Die
EQY-12-24-D++ MINI-EQY-12-24-D+ Datasheet
281Kb / 4P
   Gain Equalizer Die
More results

Mô tả tương tự - EQY-12-24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
EQY-3-63 MINI-EQY-3-63 Datasheet
269Kb / 5P
   Gain Equalizers
EQY-4-63 MINI-EQY-4-63 Datasheet
269Kb / 5P
   Gain Equalizers
logo
Yantel Corporation
E6003C-1323 YANTEL-E6003C-1323 Datasheet
386Kb / 3P
   Gain Equalizers
logo
Mini-Circuits
EQY-3-283 MINI-EQY-3-283 Datasheet
309Kb / 4P
   Gain Equalizers
REV. OR
logo
Knowles Electronics
AEQ3055-10 KNOWLES-AEQ3055-10 Datasheet
882Kb / 2P
   Gain Equalizers
logo
Mini-Circuits
EQY-8-63 MINI-EQY-8-63 Datasheet
263Kb / 5P
   Gain Equalizers
EQY-3-453 MINI-EQY-3-453 Datasheet
5Mb / 12P
   Gain Equalizers
EQY-2-63 MINI-EQY-2-63 Datasheet
264Kb / 5P
   Gain Equalizers
EQY-10-63 MINI-EQY-10-63 Datasheet
263Kb / 5P
   Gain Equalizers
EQY-4-453 MINI-EQY-4-453 Datasheet
5Mb / 13P
   Gain Equalizers
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com