công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EPT25DT bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC100EPT25DT
Giải thích chi tiết về linh kiện  Differential LVECL/ECL to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT25DT bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC100EPT25DT Datasheet HTML 1Page - ON Semiconductor MC100EPT25DT Datasheet HTML 2Page - ON Semiconductor MC100EPT25DT Datasheet HTML 3Page - ON Semiconductor MC100EPT25DT Datasheet HTML 4Page - ON Semiconductor MC100EPT25DT Datasheet HTML 5Page - ON Semiconductor MC100EPT25DT Datasheet HTML 6Page - ON Semiconductor MC100EPT25DT Datasheet HTML 7Page - ON Semiconductor MC100EPT25DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100EPT25
http://onsemi.com
3
TTL OUTPUT DC CHARACTERISTICS (VCC = 3.3V ± 0.3V; GND = 0V; VEE = –3.3V ± 0.3V; TA = –40°C to 85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
ICCH
Power Supply Current (Outputs set to HIGH)
6.0
10
14
mA
ICCL
Power Supply Current (Outputs set to LOW)
7.0
12
17
mA
VOH
Output HIGH Voltage (IOH = –3.0mA) (Note 5.)
2.2
V
VOL
Output LOW Voltage (IOL = 24mA) (Note 5.)
0.5
V
IOS
Output Short Circuit Current
–130
–60
mA
NOTE: 100EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
5. All loading with 500 ohms to GND, CL = 20pF.
AC CHARACTERISTICS (VCC = 3.3V ± 0.3V; GND = 0V)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
275
275
275
MHz
tPLH,
tPHL
Propagation Delay to
Output Differential
800
1200
1800
800
1100
1600
800
1100
1600
ns
tSK+ +
tSK– –
tSKPP
Output–to–Output Skew++
Output–to–Output Skew– –
Part–to–Part Skew (Note 6.)
60
25
500
60
25
500
60
25
500
ps
tJITTER
Cycle–to–Cycle Jitter
TBD
TBD
TBD
ps
VPP
Input Voltage Swing
(Differential) (Note 7.)
100
800
1200
100
800
1200
100
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(0.8V – 2.0V)
450
900
600
1160
750
1400
450
900
600
1100
750
1400
450
900
600
1100
750
1400
ps
6. Skews are measured between outputs under identical conditions.
7. 200mV input guarantees full logic swing at the output.


Số phần tương tự - MC100EPT25DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EPT25DT ONSEMI-MC100EPT25DT Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
MC100EPT25DTG ONSEMI-MC100EPT25DTG Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
MC100EPT25DTG ONSEMI-MC100EPT25DTG Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
MC100EPT25DTR2 ONSEMI-MC100EPT25DTR2 Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
MC100EPT25DTR2G ONSEMI-MC100EPT25DTR2G Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
More results

Mô tả tương tự - MC100EPT25DT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EPT24 ONSEMI-MC100EPT24 Datasheet
67Kb / 4P
   LVTTL/LVCOMS to Differential LVECL Translator
December, 1999 ??Rev. 1
MC100EPT24 ONSEMI-MC100EPT24_16 Datasheet
164Kb / 8P
   LVTTL/LVCMOS to Differential LVECL Translator
August, 2016 ??Rev. 10
MC100EPT24 ONSEMI-MC100EPT24_06 Datasheet
135Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVECL Translator
December, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
   LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
   LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_06 Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23_10 Datasheet
402Kb / 12P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
logo
Potato Semiconductor Co...
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com