công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7686 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
AD7686 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 20 page AD7940 Rev. 0 | Page 6 of 20 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Rating VDD to GND −0.3 V to +7 V Analog Input Voltage to GND −0.3 V to VDD + 0.3 V Digital Input Voltage to GND −0.3 V to +7 V Digital Output Voltage to GND −0.3 V to VDD + 0.3 V Input Current to Any Pin Except Supplies1 ±10 mA Operating Temperature Range Commercial (B Version) −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C SOT-23 Package, Power Dissipation 450 mW θJA Thermal Impedance 229.6°C/W θJC Thermal Impedance 91.99°C/W MSOP Package, Power Dissipation 450 mW θJA Thermal Impedance 205.9°C/W θJC Thermal Impedance 43.74°C/W Lead Temperature, Soldering Vapor Phase (60 secs) 215°C Infared (15 secs) 220°C ESD 4 kV 1 Transient currents of up to 100 mA will not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rat- ing only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maxi- mum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Số phần tương tự - AD7686 |
|
Mô tả tương tự - AD7686 |