công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSAU326 bảng dữ liệu(PDF) 1 Page - Minmax Technology Co., Ltd. |
|
MSAU326 bảng dữ liệu(HTML) 1 Page - Minmax Technology Co., Ltd. |
1 / 5 page Dual Output +Vo Bipolar Push-Pull Inverter +Vin -Vin Com. -Vo Single Output +Vo Bipolar Push-Pull Inverter +Vin -Vin -Vo Block Diagram Low Profile Low Cost $ I/O Isolation 3000 VDC SMD Minmax's MSAU300 1W DC/DC's are in "gull-wing" SMT package, weigh a mere 2.2 grams and meet 245]/10sec in solder-reflow for lead free process. The series is designed to provide high levels of isolation 3000VDC. It consists of 18 models with input voltages of 5V,12V and 24VDC which offers standard output voltages of 5V, 12V, 15V, {5V, {12V and {15VDC for the choice. Their impressive guaranteed efficiencies enable all models to deliver their fully rated output power from -40] to +85] without heat sinking or forced-air cooling. The MSAU300 series is an excellent selection for a variety of applications including data communication equipments, distributed power systems, telecommunication equipments and industrial robot systems. The MSAU300 units are available in tape and reel package. Internal SMD Construction UL 94V-0 Package Material Lead Frame Technology Temperature Performance -40] to +85] Output 5, 12, 15, {5, {12 and {15VDC Input 5, 12 and 24VDC Low Cost MTBF > 2,000,000 Hours 3000VDC Isolation Efficiency up to 81% Key Features 1W, High Isolation SMD, Single & Dual Output DC/DC Converters MSAU300 Series REV:0 2005/04 MINMAX 1 |
Số phần tương tự - MSAU326 |
|
Mô tả tương tự - MSAU326 |