công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STRF6600 bảng dữ liệu(PDF) 4 Page - Allegro MicroSystems |
|
STRF6600 bảng dữ liệu(HTML) 4 Page - Allegro MicroSystems |
4 / 16 page Series STR-F6600 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 ™ 4 TM ELECTRICAL CHARACTERISTICS at T A = +25°C, VIN = 18 V (unless otherwise specified). Limits Characteristic Symbol Test Conditions Min. Typ. Max. Units On-State Voltage V INT Turn-on, increasing V IN 14.4 16 17.6 V Under-Voltage Lockout V INQ Turn-off, decreasing V IN 9.0 10 11 V Over-Voltage Threshold V OVP(th) Turn-off, increasing V IN 20.5 22.5 24.5 V Drain-Source Breakdown Voltage V BR(DSS) I D = 300 µA V DS max –– V Drain Leakage Current I DSS At V DS max – – 300 µA On-State Resistance r DS(ON) V S = 10 V, ID = 0.9 A, TJ = +25°C– – see table Ω Maximum Off Time t off Drain waveform high 45 – 55 µs Minimum Pulse Duration for Input of Quasi-Resonant Signals t w(th) Drain waveform high1 –– 1.0 µs Minimum Off Time t off Drain waveform high1 –– 1.5 µs Feedback Threshold Voltage V FDBK Drain waveform low to high1 0.68 0.73 0.78 V Oscillation synchronized2 1.3 1.45 1.6 V Over-Current Protection/Feedback Sink Current I OCP/FB V OCP/FB = 1.0 V 1.2 1.35 1.5 mA Latch Holding Current I IN(OVP) V IN reduced from 24.5 V to 8.5 V – – 400 µA Latch Release Voltage V IN I IN ≤ 20 µA, VIN reduced from 24.5 V 6.6 – 8.4 V Switching Time t f V DD = 200 V, ID = 0.9 A – – 250 ns Supply Current I IN(ON) Operating3 –– 30 mA I IN(OFF) Increasing V IN prior to oscillation – – 100 µA Insulation RMS Voltage V WM(RMS) All terminals simultaneous refer- 2000 – – V ence to a metal plate against the backside Thermal Resistance RθJM Output channel to mounting frame – – 1.75 °C/W Thermal Shutdown T J 140 – – °C Notes: Typical Data is for design information only. 1. Feedback is square wave, V IM = 2.2 V, th = 1 µs, tl = 35 µs. 2. For quasi-resonant operation, the input signal must be longer than t w(th) and greater than VFDBK. 3. Feedback is square wave, V IM = 2.2 V, th = 4 µs, tl = 1 µs. |
Số phần tương tự - STRF6600 |
|
Mô tả tương tự - STRF6600 |