công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV230M bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện MTV230M
Giải thích chi tiết về linh kiện  8051 Embedded LCD Monitor Controller with Flash OSD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV230M bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  MTV230M Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV230M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
MYSON
TECHNOLOGY
MTV230M
(Rev 1.0)
Revision 1.0
- 5 -
2000/11/15
FUNCTIONAL DESCRIPTIONS
1. 8051 CPU Core
The CPU core of MTV230M is compatible with the industry standard 8051, which includes 256 bytes RAM,
Special Function Registers (SFR), two timers, five interrupt sources and serial interface. The CPU core
fetches its program code from the 64K bytes Flash in MTV230M. It uses Port0 and Port2 to access the
“external special function register” (XFR) and external auxiliary RAM (AUXRAM).
The CPU core can run at double rate when FclkE is set. Once the bit is set, the CPU runs as if a 24MHz X’tal
is applied on MTV230M, but the peripherals (IIC, DDC, H/V processor ) still run at the original frequency.
Note: All registers listed in this document reside in 8051’s external RAM area (XFR). For internal RAM
memory map, please refer to 8051 spec.
2. Memory Allocation
2.1 Internal Special Function Registers (SFR)
The SFR is a group of registers that are the same as standard 8051.
2.2 Internal RAM
There are total 256 bytes internal RAM in MTV230M, same as standard 8052.
2.3 External Special Function Registers (XFR)
The XFR is a group of registers allocated in the 8051 external RAM area F00h - FFFh. These registers are
used for OSD control or other special function. Program can use "MOVX" instruction to access these
registers.
2.4 Auxiliary RAM (AUXRAM)
There are total 768 bytes auxiliary RAM allocated in the 8051 external RAM area 800h - AFFh. Program can
use "MOVX" instruction to access the AUXRAM.
800h
AFFh
F00h
FFFh
XFR
Accessible by
indirect external
RAM addressing
(Using MOVX
instruction)
AUXRAM
Accessible by
indirect external
RAM addressing
(Using MOVX
instruction
00h
7Fh
80h
FFh
Internal RAM
Accessible by
indirect
addressing only
(Using
MOV A,@Ri
instruction)
Internal RAM
Accessible by
direct and indirect
addressing
SFR
Accessible by
direct addressing


Số phần tương tự - MTV230M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
More results

Mô tả tương tự - MTV230M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
List of Unclassifed Man...
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com