công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KA78XXE bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện KA78XXE
Giải thích chi tiết về linh kiện  3-Terminal 1A Positive Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78XXE bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  KA78XXE Datasheet HTML 1Page - Fairchild Semiconductor KA78XXE Datasheet HTML 2Page - Fairchild Semiconductor KA78XXE Datasheet HTML 3Page - Fairchild Semiconductor KA78XXE Datasheet HTML 4Page - Fairchild Semiconductor KA78XXE Datasheet HTML 5Page - Fairchild Semiconductor KA78XXE Datasheet HTML 6Page - Fairchild Semiconductor KA78XXE Datasheet HTML 7Page - Fairchild Semiconductor KA78XXE Datasheet HTML 8Page - Fairchild Semiconductor KA78XXE Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Output Current up to 1A
• Output Voltages of 5, 6, 8, 9, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area Protection
Description
The KA78XXE/KA78XXAE series of three-terminal posi-
tive regulator are available in the TO-220/D-PAK package
and with several fixed output voltages, making them useful
in a wide range of applications. Each type employs internal
current limiting, thermal shut down and safe operating area
protection, making it essentially indestructible. If adequate
heat sinking is provided, they can deliver over 1A output
current. Although designed primarily as fixed voltage
regulators, these devices can be used with external
components to obtain adjustable voltages and currents.
TO-220
D-PAK
1. Input 2. GND 3. Output
1
1
GND
GND
Internal Block Diagram
SERIES
PASS
ELEMENT
SOA
PROTECTION
ERROR
AMPLIFIER
THERMAL
PROTECTION
CURRENT
GENERATOR
REFERENCE
VOLTAGE
STARTING
CIRCUIT
OUTPUT
3
GND
2
INPUT
1
KA78XXE/KA78XXAE
3-Terminal 1A Positive Voltage Regulator


Số phần tương tự - KA78XXE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA78XXE FAIRCHILD-KA78XXE Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_06 Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
More results

Mô tả tương tự - KA78XXE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com