công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV038N bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện MTV038N
Giải thích chi tiết về linh kiện  On-Screen Display Controller for CRT/LCD Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV038N bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MTV038N Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Revision 1.1
-9-
2001/8/21
MTV038
(Revision 1.1)
MYSON
TECHNOLOGY
ATTRIBUTE BYTES:
BGR, BGG, BGB - These three bits define the color of the background for its relative address character. If all
three bits are clear, no background will be shown(transparent). Therefore, a total of 7
background colors can be selected.
B2, B1, B0 - Select the character button boxes format of its relative address character.
= 0, 0, 0 -> Button box is disabled.
= 1, 0, 0 -> Start of depressed button box which is more than 1 character button box.
= 1, 0, 1 -> Start of depressed button box which is only 1 character button box.
= 1, 1, 0 -> Start of raised button box which is more than 1 character button box.
= 1, 1, 1 -> Start of raised button box which is only 1 character button box.
= 0, 1, 0 -> Middle of button box.
= 0, 0, 1 -> End of button box.
BLINK - Enable blinking effect while this bit is set to " 1 ". And the blinking is alternate per 32 vertical frames.
R, G, B - These three bits are used to specify its relative address character color.
3.7 Character button box generator
There are 4 character button box generators to generate 4 different types of button boxes including depressed
button box with only 1 character, depressed button box with more than 1 character, raised button box with
only 1 character, and raised button box with more than 1 character. The button boxes format is defined by
(B2, B1, B0) bits of attribute bytes. And these bits are described as below:
1).(1, x, x) means the start of character button box, and then B1, B0 mean button boxes format.
2).(0, 1, 0) means the middle of character button box.
3).(0, 0, 1) means the end of character button box.
The length of button box is also software control by (B2, B1, B0) bits. For example, if there is 1 raised button
box which length is equal to 6 characters, these (B2, B1, B0) bits will be (1, 1, 0), (0, 1, 0), (0, 1, 0), (0, 1, 0),
(0, 1, 0), (0, 0, 1). And if there is 1 depressed button box of which the length is equal to 4 characters, these
(B2, B1, B0) bits will be (1, 0, 0), (0, 1, 0), (0, 1, 0), (0, 0, 1). That is, (0, 1, 0) command number define the but-
ton box length. And only one byte, the attribute byte of button box start character, should be modified when
we want to change button box type to raised or depressed button. This is very easy and useful for software
programming.
b7
b6
b5
b4
b3
b2
b1
b0
-
BGR/B2
BGG/B1
BGB/B0
BLINK
R
G
B


Số phần tương tự - MTV038N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV030 ETC-MTV030 Datasheet
372Kb / 21P
   On-Screen Display with Auto-Sizing Controller
More results

Mô tả tương tự - MTV038N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com