công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13192SARDUG bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC13192SARDUG
Giải thích chi tiết về linh kiện  Sensor Applications Reference Design (SARD)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13192SARDUG bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13192SARDUG Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13192SARDUG Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MOTOROLA
Introduction and Configuration
1-1
Chapter 1
Introduction and Configuration
This section introduces the MC13192 Sensor Applications Reference Design (SARD) basic components,
features, hardware configuration, and applications and programming options.
1.1 Safety Information
Any modifications to this product may violate the rules of the Federal Communications Commission and
make operation of the product unlawful.
47 C.F.R. Sec. 15.21
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant
to part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful
interference in a residential installation. This equipment generates, uses and can radiate radio frequency
energy and, if not installed and used in accordance with the instructions, may cause harmful interference to
radio communications. However, there is no guarantee that interference will not occur in a particular
installation. If this equipment does cause harmful interference to radio or television reception, which can
be determined by turning the equipment off and on, the user is encouraged to try to correct the interference
by one or more of the following measures:
Reorient or relocate the receiving antenna.
Increase the separation between the equipment and receiver.
Connect the equipment into an outlet on a circuit different from that to which the receiver is
connected.
Consult the dealer or an experienced radio/TV technician for help.
47 C.F.R. Sec.15.105(b)
1.2 MC13192 Sensor Applications Reference Design (SARD)
Components
The MC13192 Sensor Applications Reference Design (SARD) introduces users to the MC13192 2.4 GHz
wireless data transceiver. It includes an RS232 port, background debug module for in-circuit hardware
debug, switches, LEDs, and a host MCU and allows the user flexibility in establishing wireless data
networks.
Features of the MC13192 SARD include:
Provides all hardware required for a complete 2.4 GHz wireless node using IEEE 802.15.4 packet
structure.
One MC13192 2.4 GHz transceiver RF reference design with printed circuit antenna.
One MC9S08GT60 low-power, low-voltage MCU with 60KB of on-chip Flash.
Background Debug Module (BDM) programming port for support of Metrowerks CodeWarrior™
Development Studio.
Freescale Semiconductor, Inc.


Số phần tương tự - MC13192SARDUG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192FC FREESCALE-MC13192FC Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192FC FREESCALE-MC13192FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Mô tả tương tự - MC13192SARDUG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
UG124 SILABS-UG124 Datasheet
496Kb / 18P
   ZigBee Contact Sensor Reference Design Kit
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com