công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KFH2G16Q2M-DEB6 bảng dữ liệu(PDF) 2 Page - Samsung semiconductor

tên linh kiện KFH2G16Q2M-DEB6
Giải thích chi tiết về linh kiện  FLASH MEMORY(66MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMSUNG [Samsung semiconductor]
Trang chủ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFH2G16Q2M-DEB6 bảng dữ liệu(HTML) 2 Page - Samsung semiconductor

  KFH2G16Q2M-DEB6 Datasheet HTML 1Page - Samsung semiconductor KFH2G16Q2M-DEB6 Datasheet HTML 2Page - Samsung semiconductor KFH2G16Q2M-DEB6 Datasheet HTML 3Page - Samsung semiconductor KFH2G16Q2M-DEB6 Datasheet HTML 4Page - Samsung semiconductor KFH2G16Q2M-DEB6 Datasheet HTML 5Page - Samsung semiconductor KFH2G16Q2M-DEB6 Datasheet HTML 6Page - Samsung semiconductor KFH2G16Q2M-DEB6 Datasheet HTML 7Page - Samsung semiconductor KFH2G16Q2M-DEB6 Datasheet HTML 8Page - Samsung semiconductor KFH2G16Q2M-DEB6 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB6)
FLASH MEMORY
2
OneNAND2G(KFH2G16Q2M-DEB6)
OneNAND4G(KFW4G16Q2M-DEB6)
1.0
INTRODUCTION
This specification contains information about the Samsung Electronics Company OneNAND
‚ Flash memory product family. Section
1.0 includes a general overview, revision history, and product ordering information.
Section 2.0 describes the OneNAND device. Section 3.0 provides information about device operation. Electrical specifications and
timing waveforms are in Sections 4.0 though 6.0. Section 7.0 provides additional application and technical notes pertaining to use of
the OneNAND. Package dimensions are found in Section 8.0
INFORMATION IN THIS DOCUMENT IS PROVIDED IN RELATION TO SAMSUNG PRODUCTS,
AND IS SUBJECT TO CHANGE WITHOUT NOTICE.
NOTHING IN THIS DOCUMENT SHALL BE CONSTRUED AS GRANTING ANY LICENSE,
EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE,
TO ANY INTELLECTUAL PROPERTY RIGHTS IN SAMSUNG PRODUCTS OR TECHNOLOGY. ALL
INFORMATION IN THIS DOCUMENT IS PROVIDED
ON AS "AS IS" BASIS WITHOUT GUARANTEE OR WARRANTY OF ANY KIND.
1. For updates or additional information about Samsung products, contact your nearest Samsung office.
2. Samsung products are not intended for use in life support, critical care, medical, safety equipment, or similar
applications where Product failure could result in loss of life or personal or physical harm, or any military or
defense application, or any governmental procurement to which special terms or provisions may apply.
MuxOneNAND
‚ is a trademark of Samsung Electronics Company, Ltd. Other names and brands may be claimed as the property of
their rightful owners.
Copyright
© 2005, Samsung Electronics Company, Ltd


Số phần tương tự - KFH2G16Q2M-DEB6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
KFH2G16Q2M-DEB6 SAMSUNG-KFH2G16Q2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
More results

Mô tả tương tự - KFH2G16Q2M-DEB6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com