công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSBM30SM60A bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FSBM30SM60A
Giải thích chi tiết về linh kiện  SPM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM30SM60A bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FSBM30SM60A Datasheet HTML 1Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 2Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 3Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 4Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 5Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 6Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 7Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 8Page - Fairchild Semiconductor FSBM30SM60A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. E, August 2003
FSBM30SM60A
SPMTM (Smart Power Module)
General Description
FSBM30SM60A is an advanced smart power module
(SPM) that Fairchild has newly developed and designed to
provide very compact and high performance ac motor
drives mainly targeting medium speed low-power inverter-
driven application like air conditioners. It combines
optimized circuit protection and drive matched to low-loss
IGBTs. Highly effective short-circuit current detection/
protection is realized through the use of advanced current
sensing IGBT chips that allow continuous monitoring of the
IGBTs current. System reliability is further enhanced by the
integrated under-voltage lock-out protection. The high
speed built-in HVIC provides opto-coupler-less IGBT gate
driving capability that further reduce the overall size of the
inverter system design. In addition the incorporated HVIC
facilitates the use of single-supply drive topology enabling
the FSBM30SM60A to be driven by only one drive supply
voltage without negative bias. Inverter current sensing
application can be achieved due to the divided negative dc
terminals.
Features
• UL Certified No. E209204
• 600V-30A 3-phase IGBT inverter bridge including control
ICs for gate driving and protection
• Divided negative dc-link terminals for inverter current
sensing applications
• Single-grounded power supply due to built-in HVIC
• Typical switching frequency of 5kHz
• Inverter power rating of 2.4kW / 100~253 Vac
• Isolation rating of 2500Vrms/min.
• Very low leakage current due to using ceramic substrate
• Adjustable current protection level by varying series
resistor value with sense-IGBTs
Applications
• AC 100V ~ 253V 3-phase inverter drive for small power
(2.4kW) ac motor drives
• Home
appliances
applications
requiring
medium
switching frequency operation like air conditioners drive
system
• Application ratings:
- Power : 2.4kW / 100~253 Vac
- Switching frequency : Typical 5kHz (PWM Control)
- 100% load current : 11A (Irms)
- 150% load current : 16.5A (Irms) for 1 minute
External View
Fig. 1.
Top View
Bottom View
60mm
31mm


Số phần tương tự - FSBM30SM60A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSBM30SH60 FAIRCHILD-FSBM30SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM30SH60A FAIRCHILD-FSBM30SH60A Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
More results

Mô tả tương tự - FSBM30SM60A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com