công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM186EDLV bảng dữ liệu(PDF) 1 Page - Advanced Micro Devices

tên linh kiện AM186EDLV
Giải thích chi tiết về linh kiện  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EDLV bảng dữ liệu(HTML) 1 Page - Advanced Micro Devices

  AM186EDLV Datasheet HTML 1Page - Advanced Micro Devices AM186EDLV Datasheet HTML 2Page - Advanced Micro Devices AM186EDLV Datasheet HTML 3Page - Advanced Micro Devices AM186EDLV Datasheet HTML 4Page - Advanced Micro Devices AM186EDLV Datasheet HTML 5Page - Advanced Micro Devices AM186EDLV Datasheet HTML 6Page - Advanced Micro Devices AM186EDLV Datasheet HTML 7Page - Advanced Micro Devices AM186EDLV Datasheet HTML 8Page - Advanced Micro Devices AM186EDLV Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice. AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices,
Inc.
Publication# 21336
Rev: A Amendment/0
Issue Date: May 1997
D
RA
F T
Am186TMED/EDLV
High Performance, 80C186- and 80C188-Compatible,
16-Bit Embedded Microcontrollers
DISTINCTIVE CHARACTERISTICS
n E86TM family 80C186- and 80C188-compatible
microcontroller with enhanced bus interface
– Lower system cost with higher performance
– 3.3-V ± 0.3-V operation (Am186EDLV
microcontrollers)
n Programmable DRAM Controller
– Supports zero-wait-state operation with 50-ns
DRAM at 40 MHz, 60-ns @ 33 MHz, 70-ns @ 25
MHz
– Includes programmable CAS-before-RAS
refresh capability
n High performance
– 20-, 25-, 33-, and 40-MHz operating frequencies
– Zero-wait-state operation at 40 MHz with 70-ns
static memory
– 1-Mbyte memory address space
– 64-Kbyte I/O space
n Enhanced features provide improved memory
access and remove the requirement for a 2x clock
input
– Nonmultiplexed address bus
– Processor operates at the clock input frequency
– 8-bit or 16-bit programmable bus sizing including
8-bit boot option
n Enhanced integrated peripherals
– 32 programmable I/O (PIO) pins
– Two full-featured asynchronous serial ports allow
full-duplex, 7-bit, 8-bit, or 9-bit data transfers
– Serial port hardware handshaking with CTS,
RTS, ENRX, and RTR selectable for each port
– Improved serial port operation enhances 9-bit
DMA support
– Independent serial port baud rate generators
– DMA to and from the serial ports
– Watchdog timer can generate NMI or reset
– A pulse-width demodulation option
– A data strobe, true asynchronous bus interface
option included for DEN
– Reset configuration register
n Familiar 80C186 peripherals
– Two independent DMA channels
– Programmable interrupt controller with up to 8 ex-
ternal and 8 internal interrupts
– Three programmable 16-bit timers
– Programmable memory and peripheral
chip-select logic
– Programmable wait state generator
– Power-save clock divider
n Software-compatible with the 80C186 and
80C188 microcontrollers with widely available
native development tools, applications, and
system software
n A compatible evolution of the Am186EM,
Am186ES, and Am186ER microcontrollers
n Available in the following packages:
– 100-pin, thin quad flat pack (TQFP)
– 100-pin, plastic quad flat pack (PQFP)
GENERAL DESCRIPTION
The Am186TMED/EDLV microcontrollers are part of the
AMD E86TM family of embedded microcontrollers and mi-
croprocessors based on the x86 architecture. The
Am186ED/EDLV microcontrollers are the ideal upgrade
for 80C186/188 designs requiring 80C186/188 compat-
ibility, increased performance, serial communications, a
direct bus interface, and more than 64K of memory.
The Am186ED/EDLV microcontrollers integrate a com-
plete DRAM controller to take advantage of low DRAM
costs. This reduces memory subsystem costs while
maintaining SRAM performance.The Am186ED/EDLV
microcontrollers also integrate the functions of a CPU,
nonmultiplexed address bus, three timers, watchdog
timer, chip selects, interrupt controller, two DMA control-
lers, two asynchronous serial ports, programmable bus
sizing, and programmable I/O (PIO) pins on one chip.
Compared to the 80C186/188 microcontrollers, the
Am186ED/EDLV microcontrollers enable designers to
reduce the size, power consumption, and cost of em-
bedded systems, while increasing reliability, functional-
ity, and performance.
The Am186ED/EDLV microcontrollers have been
designed to meet the most common requirements of
embedded products developed for the communications,
office automation, mass stor age, and general
embedded markets. Specific applications include
PBXs, multiplexers, modems, disk drives, hand-held
and desktop terminals, fax machines, printers,
photocopiers, and industrial controls.


Số phần tương tự - AM186EDLV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rochester Electronics
AM186EDLV-20VC ROCHESTER-AM186EDLV-20VC Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
AM186EDLV-20VW ROCHESTER-AM186EDLV-20VW Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
AM186EDLV-25KC ROCHESTER-AM186EDLV-25KC Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
AM186EDLV-25KW ROCHESTER-AM186EDLV-25KW Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
AM186EDLV-25VC ROCHESTER-AM186EDLV-25VC Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
More results

Mô tả tương tự - AM186EDLV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM186 AMD-AM186 Datasheet
2Mb / 112P
   High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com