công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEDS-6510-009 bảng dữ liệu(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
HEDS-6510-009 bảng dữ liệu(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 15 page 7 Encoding Characteristics Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances unless otherwise specified. Values are for the worst error in the full rotation. Part Number Description Symbol Min. Typ.* Max. Units HEDS-6500*** Pulse Width Error ∆P 535 e Logic State Width Error ∆S 535 e Phase Error ∆Φ 215 e Position Error ∆Θ 7 20 min. of arc Cycle Error ∆C 5 5.5 e HEDS-6540** Pulse Width Error ∆P 535 e Logic State Width Error ∆S 535 e Phase Error ∆Φ 215 e Position Error ∆Θ 7 20 min. of arc Cycle Error ∆C 5 5.5 e Index Pulse Width ∆P0 55 90 125 e CH I fall after CH B or CH A fall -25 °C to +100°C t1 10 100 250 ns -40 °C to +100°C t1 -300 100 250 ns CH I rise after CH B or CH A rise -25 °C to +100°C t2 70 150 300 ns -40 °C to +100°C t2 70 150 1000 ns HEDL-654x Pulse Width Error ∆P 535 e Logic State Width Error ∆S 535 e Phase Error ∆Φ 215 e Position Error ∆Θ 7 20 min. of arc Cycle Error ∆C 5 5.5 e Index Pulse Width ∆P0 90 e *Typical values specified at Vcc = 5.0 V and 25°C. **HEDS-6540 – Active high Index part. Pull-up of 2.7 k Ω used on all outputs of modules that do not have a line driver. ***HEDS-6500 – 3.3 k Ω pull-up resistors used on all encoder module outputs. |
Số phần tương tự - HEDS-6510-009 |
|
Mô tả tương tự - HEDS-6510-009 |