công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-6545-B08 bảng dữ liệu(PDF) 1 Page - Agilent(Hewlett-Packard)

tên linh kiện HEDS-6545-B08
Giải thích chi tiết về linh kiện  Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-6545-B08 bảng dữ liệu(HTML) 1 Page - Agilent(Hewlett-Packard)

  HEDS-6545-B08 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-6545-B08 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-6545-B08 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-6545-B08 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-6545-B08 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-6545-B08 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-6545-B08 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-6545-B08 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-6545-B08 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Large Diameter (56 mm),
Housed Two and Three
Channel Optical Encoders
Technical Data
HEDL-65xx
HEDM-65xx
HEDS-65xx Series
Features:
• Two Channel Quadrature
Output with Optional
Index Pulse
• TTL Compatible Single Ended
Outputs on HEDS Series
• 100
°C Operating Temperature
• Industry Standard 26C31
CMOS Line Driver IC on
HEDL Series
• Easy Assembly, No Signal
Adjustment Necessary
• Resolutions up to 2048 Counts
Per Revolution
• Maximum Shaft Diameter
of 5/8 Inches
• Single +5 V Supply
Description
The HEDS-65xx/HEDL-65xx
are high performance two and three
channel optical incremental
encoders. These encoders empha-
size high reliability, high resolution,
and easy assembly. Each encoder
contains a lensed LED source
(emitter), an integrated circuit with
detectors and output circuitry, and a
codewheel which rotates between
the emitter and detector integrated
circuit. The outputs of the HEDS-
6500 are two single ended square
waves in quadrature. The HEDL-
65xx outputs are differential.
The HEDS-6540 / HEDL-6540 also
have a third channel index output in
addition to the two quadrature
outputs. This index is an active
high pulse that occurs once every
full rotation of the codewheel.
Resolutions up to 1024 Counts Per
Revolution are available in the two
and three channel versions.
The line driver option offers
enhanced performance when the
encoder is used in noisy environ-
ments, or when it is required to
drive long distances.
The line driver option utilizes an
industry standard line driver IC
(26C31) which provides comple-
mentary outputs for each encoder
channel. Thus the outputs of the
line driver encoder are A and
A, B
and
B, and I and
I for three
channel versions. Suggested line
receivers are 26C32 and 26C33.
The quadrature signals are ac-
cessed through a cable and 10-pin
female connector. Please refer to
the ordering information at the end
of this data sheet for a selection
matrix.
Applications
The HEDS-65xx / HEDL-65xx
provide motion detection to a
very high resolution and accept a
variety of shaft sizes up to a
maximum of 5/8 inches.


Số phần tương tự - HEDS-6545-B08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-6540 HP-HEDS-6540 Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-6540 AVAGO-HEDS-6540 Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
More results

Mô tả tương tự - HEDS-6545-B08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDL-65XX HP-HEDL-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-65XX AVAGO-HEDL-65XX Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com