công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-6540-B11 bảng dữ liệu(PDF) 11 Page - Agilent(Hewlett-Packard)

tên linh kiện HEDS-6540-B11
Giải thích chi tiết về linh kiện  Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-6540-B11 bảng dữ liệu(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HEDS-6540-B11 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-6540-B11 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-6540-B11 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-6540-B11 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDS-6540-B11 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HEDS-6540-B11 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HEDS-6540-B11 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HEDS-6540-B11 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HEDS-6540-B11 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
4
3
LOCATE ENCODER BASEPLATE
CHOOSE CENTERING CYLINDER OR UNDERSIDE LOCATING PINS.
CENTERING CYLINDER: LOCATE ENCODER BASEPLATE WITH
CENTERING CYLINDER. WHEN IN PLACE, TIGHTEN MOUNTING SCREWS.
LOCATING PINS: WITH LOCATING PINS PROPERLY SEATED IN
CORRESPONDING RECEIVING HOLES IN ENCODER BASEPLATE,
TIGHTEN MOUNTING SCREWS.
LOCATE ENCODER MODULE AND CODEWHEEL
ALIGN ENCODER MODULE AND CODEWHEEL AS SHOWN.
BE CAREFUL NOT TO DAMAGE THE ENCODER INTERNAL COMPONENTS
WITH THE CODEWHEEL.
BRING THE ENCODER MODULE AND CODEWHEEL DOWN SUCH THAT
THE ENCODER MODULE LOCATING HOLES (ON ITS UNDERSIDE)
MATE WITH THE BASEPLATE ROUND PINS. THE BASEPLATE SQUARE
PINS SHOULD SEAT INTO THE ENCODER MODULE MOUNTING
THRU HOLES.
CONCURRENTLY, BRING THE CODEWHEEL DOWN ONTO THE
MATING SHAFT.


Số phần tương tự - HEDS-6540-B11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-6540 HP-HEDS-6540 Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-6540 AVAGO-HEDS-6540 Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
More results

Mô tả tương tự - HEDS-6540-B11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDL-65XX HP-HEDL-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-65XX AVAGO-HEDL-65XX Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com