công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-6540-J06 bảng dữ liệu(PDF) 6 Page - Agilent(Hewlett-Packard)

tên linh kiện HEDS-6540-J06
Giải thích chi tiết về linh kiện  Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-6540-J06 bảng dữ liệu(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HEDS-6540-J06 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-6540-J06 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-6540-J06 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-6540-J06 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-6540-J06 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-6540-J06 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-6540-J06 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-6540-J06 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-6540-J06 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Recommended Operating Conditions
Parameter
HEDS-6500
HEDS-6540
HEDL-6540
HEDL-6545
Temperature
-40 to +100
-40 to +100
-40 to +100
-40 to +100
Celsius
Supply Voltage
4.5 to 5.5
4.5 to 5.5
4.5 to 5.5
4.5 to 5.5
Volts
Load Capacitance
100
100
100
100
pF
Count Frequency
100
100
100
100
kHz
Shaft Eccentricity
± .05
± .05
± .05
± .05
mm
Plus Radial Play
(
± .002)
(
± .002)
(
± .002)
(
± .002)
(Inch/1000)
Note: The HEDS-65XX performance is guaranteed to 100 kHz but can operate at higher frequencies. For frequencies above 100 kHz
it is recommended that the load capacitance not exceed 25 pF and pull up resistors of 3.3 k
Ω between the output channels and Vcc
are included.
Absolute Maximum Ratings
Parameter
HEDS-6500
HEDS-6540
HEDL-6540
HEDL-6545
Storage Temperature
-40 to +100
-40 to +100
-40 to +100
-40 to +100
Celsius
Operating Temperature
-40 to +100
-40 to +100
-40 to +100
-40 to +100
Celsius
Supply Voltage
-.5 to +7
-.5 to +7
-.5 to +7
-.5 to +7
Volts
Output Voltage
-.6 to Vcc
-.6 to Vcc
-.6 to Vcc
-.6 to Vcc
Volts
Output Current Per Channel
-1 to 5
-1 to 5
mA
Velocity
30,000
30,000
30,000
30,000
RPM
Vibration
20
20
20
20
Gs
Shaft Axial Play
5
5
5
5
Inch/1000
Radial Play & Eccentricity
2
2
2
2
Inch/1000


Số phần tương tự - HEDS-6540-J06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-6540 HP-HEDS-6540 Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-6540 AVAGO-HEDS-6540 Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
More results

Mô tả tương tự - HEDS-6540-J06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDL-65XX HP-HEDL-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-65XX AVAGO-HEDL-65XX Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com