công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC352239A bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện BC352239A
Giải thích chi tiết về linh kiện  BlueCore 3-Multimedia External
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

BC352239A bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BC352239A Datasheet HTML 7Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 8Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 9Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 10Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 11Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 12Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 13Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 14Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
7 x 7 VFBGA Package Information
BC352239A-ds-001Pc
© Cambridge Silicon Radio Limited 2004
Production Information
Page 11 of 116
PIO Port
Ball
Pad Type
Description
PIO[11]
A3
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[10]
B3
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[9]
C3
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[8]
D3
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[7]/UART_RX
(1)/
CLK_OUT
G11
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line or
programmable frequency clock output
PIO[6]/CLK_REQ/
UART_CTS
(1)
F13
Bi-directional with
programmable strength
internal pull-up/down
PIO line or clock request output to enable
external clock for external clock line
PIO[5]/USB_DETACH/
UART_RTS
(1)
F11
Bi-directional with
programmable strength
internal pull-up/down
PIO line or chip detaches from USB when
this input is high
PIO[4]/USB_ON/
UART_TX
(1)
F12
Bi-directional with
programmable strength
internal pull-up/down
PIO or USB on (input senses when VBUS is
high, wakes BlueCore3-Multimedia
External)
PIO[3]/USB_WAKE_UP/
HOST_CLK_REQ
B2
Bi-directional with
programmable strength
internal pull-up/down
PIO or output goes high to wake up PC
when in USB mode or clock request input
from host controller
PIO[2]/CLK_REQ
C2
Bi-directional with
programmable strength
internal pull-up/down
PIO or external clock request
AIO[0]
N3
Bi-directional
Programmable input/output line
AIO[1]
L4
Bi-directional
Programmable input/output line
AIO[2]
M4
Bi-directional
Programmable input/output line
AIO[3]
N4
Bi-directional
Programmable input/output line
Test and Debug
Ball
Pad Type
Description
RESET
B12
CMOS input with weak
internal pull-down
Reset if high. Input debounced so must be
high for >5ms to cause a reset
RESETB
E12
CMOS input with weak
internal pull-up
Reset if low. Input debounced so must be
low for >5ms to cause a reset
SPI_CSB
C11
CMOS input with weak
internal pull-up
Chip select for Synchronous Serial Interface
active low
SPI_CLK
C13
CMOS input with weak
internal pull-down
Serial Peripheral Interface clock
SPI_MOSI
D12
CMOS input with weak
internal pull-down
Serial Peripheral Interface data input
SPI_MISO
B13
CMOS output, tri-state, with
weak internal pull-down
Serial Peripheral Interface data output
TEST_EN
B11
CMOS input with strong
internal pull-down
For test purposes only (leave unconnected)


Số phần tương tự - BC352239A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CT Micro International ...
BC352818-ATC2 CTMICRO-BC352818-ATC2 Datasheet
1Mb / 10P
   SMD Type Blue Emitter
Rev 1 Sep, 2020
logo
Vicor Corporation
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
244Kb / 2P
   BCM??Bus Converter
BC352A110T024TP VICOR-BC352A110T024TP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC352A110T030FP VICOR-BC352A110T030FP Datasheet
863Kb / 11P
   BCM??Bus Converter
More results

Mô tả tương tự - BC352239A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BLUECORE4-ROM ETC-BLUECORE4-ROM Datasheet
727Kb / 89P
   BlueCore 4-ROM CSP EDR
2005
logo
Infineon Technologies A...
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
Texas Instruments
OMAP4430 TI1-OMAP4430 Datasheet
7Mb / 443P
[Old version datasheet]   Multimedia Device
OMAPL137-HT TI1-OMAPL137-HT Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
logo
OmniVision Technologies...
OV9762 OMNIVISION-OV9762 Datasheet
1Mb / 2P
   PC Multimedia
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
GP326823A GENERALPLUS-GP326823A Datasheet
1Mb / 21P
   Multimedia Processor
logo
List of Unclassifed Man...
AX101879 ETC2-AX101879 Datasheet
99Kb / 2P
   Modular Connectors - MediaFlex Multimedia insert 3-port RCA
logo
Texas Instruments
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
logo
List of Unclassifed Man...
AX101878 ETC2-AX101878 Datasheet
100Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert 3-port RCA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com