công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC352239A bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện BC352239A
Giải thích chi tiết về linh kiện  BlueCore 3-Multimedia External
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

BC352239A bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BC352239A Datasheet HTML 6Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 7Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 8Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 9Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 10Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 11Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 12Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 13Page - List of Unclassifed Manufacturers BC352239A Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
7 x 7 VFBGA Package Information
BC352239A-ds-001Pc
© Cambridge Silicon Radio Limited 2004
Production Information
Page 10 of 116
2.2
Device Terminal Functions
Radio
Ball
Pad Type
Description
AUX_DAC
D2
Analogue
Voltage DAC output
PIO[0]/RXEN
C1
Bi-directional with
programmable strength
internal pull-up/down
Control output for external Tx/Rx switch (if
fitted)
PIO[1]/TXEN
B1
Bi-directional with
programmable strength
internal pull-up/down
Control output for external PA (If fitted)
RF_IN
E1
Analogue
Single ended receiver input
TX_A
G1
Analogue
Transmitter output/switched receiver input
TX_B
F1
Analogue
Complement of TX_A
Synthesiser and
Oscillator
Ball
Pad Type
Description
XTAL_IN
N1
Analogue
For crystal or external clock input
XTAL_OUT
N2
Analogue
Drive for crystal
USB and UART
Ball
Pad Type
Description
UART_TX
J12
CMOS output, tri-state, with
weak internal pull-up
UART data output
UART_RX
K11
CMOS input with weak
internal pull-down
UART data input
UART_RTS
L12
CMOS output, tri-state, with
weak internal pull-up
UART request to send active low
UART_CTS
K12
CMOS input with weak
internal pull-down
UART clear to send active low
USB_DP
L13
Bi-directional
USB data plus with selectable internal
1.5k
Ω pull-up resistor
USB_DN
K13
Bi-directional
USB data minus
PCM Interface
(1)
Ball
Pad Type
Description
PCM_OUT
G13
CMOS output, tri-state, with
weak internal pull-down
Synchronous data output
PCM_IN
J11
CMOS input, with weak
internal pull-down
Synchronous data input
PCM_SYNC
H11
Bi-directional with weak
internal pull-down
Synchronous data sync
PCM_CLK
H13
Bi-directional with weak
internal pull-down
Synchronous data clock
Note:
(1)
Pin names may be redefined dependent on chosen interface; see Table 6.1.


Số phần tương tự - BC352239A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CT Micro International ...
BC352818-ATC2 CTMICRO-BC352818-ATC2 Datasheet
1Mb / 10P
   SMD Type Blue Emitter
Rev 1 Sep, 2020
logo
Vicor Corporation
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
244Kb / 2P
   BCM??Bus Converter
BC352A110T024TP VICOR-BC352A110T024TP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC352A110T030FP VICOR-BC352A110T030FP Datasheet
863Kb / 11P
   BCM??Bus Converter
More results

Mô tả tương tự - BC352239A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BLUECORE4-ROM ETC-BLUECORE4-ROM Datasheet
727Kb / 89P
   BlueCore 4-ROM CSP EDR
2005
logo
Infineon Technologies A...
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
Texas Instruments
OMAP4430 TI1-OMAP4430 Datasheet
7Mb / 443P
[Old version datasheet]   Multimedia Device
OMAPL137-HT TI1-OMAPL137-HT Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
logo
OmniVision Technologies...
OV9762 OMNIVISION-OV9762 Datasheet
1Mb / 2P
   PC Multimedia
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
GP326823A GENERALPLUS-GP326823A Datasheet
1Mb / 21P
   Multimedia Processor
logo
List of Unclassifed Man...
AX101879 ETC2-AX101879 Datasheet
99Kb / 2P
   Modular Connectors - MediaFlex Multimedia insert 3-port RCA
logo
Texas Instruments
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
logo
List of Unclassifed Man...
AX101878 ETC2-AX101878 Datasheet
100Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert 3-port RCA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com