công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EPT622 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC100EPT622
Giải thích chi tiết về linh kiện  3.3V LVTTL/LVCMOS to LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT622 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC100EPT622 Datasheet HTML 1Page - ON Semiconductor MC100EPT622 Datasheet HTML 2Page - ON Semiconductor MC100EPT622 Datasheet HTML 3Page - ON Semiconductor MC100EPT622 Datasheet HTML 4Page - ON Semiconductor MC100EPT622 Datasheet HTML 5Page - ON Semiconductor MC100EPT622 Datasheet HTML 6Page - ON Semiconductor MC100EPT622 Datasheet HTML 7Page - ON Semiconductor MC100EPT622 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100EPT622
http://onsemi.com
3
TTL INPUT DC CHARACTERISTICS VCC = 3.3 V, GND= 0.0 V, TA = -40°C to 85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
IIH
Input HIGH Current
VIN= 2.7 V
25
mA
IIHH
Input HIGH Current MAX
VIN= VCC
100
mA
IIL
Input LOW Current
VIN= 0.5 V
-0.6
mA
VIK
Input Clamp Voltage
IIN= -18 mA
-1.2
-0.9
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
PECL INPUT DC CHARACTERISTICS VCC = 3.3 V, GND= 0.0 V, TA = -40°C to 85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
IIH
Input HIGH Current
VIN= 2420 mV
150
mA
IIL
Input LOW Current
VIN= 1490 mV
200
mA
VIH
Input HIGH Voltage
2075
2420
mV
VIL
Input LOW Voltage
1490
1675
mV
PECL OUTPUT DC CHARACTERISTICS VCC = 3.3 V, GND = 0.0 V (Note 2)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
85
115
145
90
120
155
95
130
155
mA
VOH
Input High Voltage
(Note 3)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Input Low Current
(Note 3)
1355
1520
1700
1355
1520
1700
1355
1520
1700
mV
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
2. Input and output parameters vary 1:1 with VCC.
3. All loading with 50
W to VCC-2.0 V.
AC CHARACTERISTICS VCC = 3.0 V to 3.8 V (Note 4)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 2)
1.0
1.5
1.0
1.5
1.0
1.5
GHz
tPLH,
tPHL
Propagation Delay to Output (Figure 3, Note 5)
D to Q
ENPECL to Q
ENTTL to Q
100
150
300
450
500
450
800
875
800
100
150
300
500
500
500
875
875
800
100
200
300
500
550
500
800
925
800
ps
tJITTER
Random Clock Jitter (RMS)
(See Figure 2)
0.7
3.0
0.7
3.0
0.7
3.0
ps
tr / tf
Output Rise/Fall Times
(20% - 80%)
100
200
450
100
200
250
100
200
300
ps
TSKEW
Duty Cycle Skew (Note 6)
D to Q
Channel 0-7
Channel 8-9
ENPECL to Q
ENTTL to Q
120
200
120
100
375
775
400
275
120
200
120
100
375
775
400
275
120
200
120
100
375
775
400
275
ps
4. Measured using a 2.4 V source, 50% duty cycle clock source. All loading with 50
W to VCC-2.0 V.
5. 1.5 V to 50% point of the output.
6. Duty cycle skew |tPLH - tPHL| on the specific path.


Số phần tương tự - MC100EPT622

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622 Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100EPT622FA ONSEMI-MC100EPT622FA Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100EPT622FA ONSEMI-MC100EPT622FA Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
MC100EPT622FAG ONSEMI-MC100EPT622FAG Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100EPT622FAG ONSEMI-MC100EPT622FAG Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results

Mô tả tương tự - MC100EPT622

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
MC100EPT622 ONSEMI-MC100EPT622_06 Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com