công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV230M64 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện MTV230M64
Giải thích chi tiết về linh kiện  8051 Embedded Micro Controller with Flash OSD and ISP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV230M64 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MTV230M64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV230M64 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
MTV230M64
Page 6 of 31
3. Chip Configuration
The Chip Configuration registers define the chip pins function, as well as the functional blocks' connection,
configuration and frequency.
Reg name
addr
bit7
bit6
bit5
Bit4
bit3
bit2
bit1
bit0
PADMOD
F2Bh (w)
HIICE
IIICE
HVE
HclpE
FclkE
P62E
PADMOD
F2Ch (w)
DA3EDA2EDA1EDA0EAD3E
AD2EAD1EAD0E
PADMOD
F2Dh (w)
P47oe
P46oe
P45oe
P44oe
P43oe
P42oe
P41oe
P40oe
PADMOD
F2Eh (w)
P57oe
P56oe
P55oe
P54oe
P53oe
P52oe
P51oe
P50oe
OPTION
F2Fh (w)
PWMF
DIV253 SlvAbs1 SlvAbs0 ENSCL
Msel
MIICF1
MIICF0
PADMOD (w) : Pad mode control registers. (All are "0" in Chip Reset)
HIICE = 1
→ pin “P3.0/Rxd/HSCL” is HSCL;
pin “P3.1/Txd/HSDA” is HSDA
= 0
→ pin “P3.0/Rxd/HSCL” is P3.0/Rxd;
pin “P3.1/Txd/HSDA” is P3.1/Txd
IIICE
= 1
→ pin “P6.1/ISDA” is ISDA;
pin “P6.0/ISCL” is ISCL
= 0
→ pin “P6.1/ISDA” is P6.1;
pin “P6.0/ISCL” is P6.0
HVE
= 1
→ pin “P4.7/VBLANK” is VBLANK;
pin “P4.6/HBLANK” is HBLANK
= 0
→ pin “P4.7/VBLANK” is P4.7;
pin “P4.6/HBLANK” is P4.6
HclpE = 1
→ pin “P4.5/HCLAMP” is HCLAMP
= 0
→ pin “P4.5/HCLAMP” is P4.5
FclkE = 1
→ CPU running at double rate
= 0
→ CPU running at normal rate
P62E
= 1
→ pin “INT/P6.2” is P6.2
= 0
→ pin “INT/P6.2” is INT
DA3E = 1
→ pin “P5.7/DA3” is DA3
= 0
→ pin “P5.7/DA3” is P5.7
DA2E = 1
→ pin “P5.6/DA2” is DA2
= 0
→ pin “P5.6/DA2” is P5.6
DA1E = 1
→ pin “P5.5/DA1” is DA1
= 0
→ pin “P5.5/DA1” is P5.5
DA0E = 1
→ pin “P5.4/DA0” is DA0
= 0
→ pin “P5.4/DA0” is P5.4
AD3E = 1
→ pin “P5.3/AD3” is AD3
= 0
→ pin “P5.3/AD3” is P5.3
AD2E = 1
→ pin “P5.2/AD2” is AD2
= 0
→ pin “P5.2/AD2” is P5.2
AD1E = 1
→ pin “P5.1/AD1” is AD1
= 0
→ pin “P5.1/AD1” is P5.1
AD0E = 1
→ pin “P5.0/AD0” is AD0
= 0
→ pin “P5.0/AD0” is P5.0
P47oe = 1
→ P4.7 is output pin
= 0
→ P4.7 is input pin
P46oe = 1
→ P4.6 is output pin
= 0
→ P4.6 is input pin
P45oe = 1
→ P4.5 is output pin
= 0
→ P4.5 is input pin
P44oe = 1
→ P4.4 is output pin
= 0
→ P4.4 is input pin
P43oe = 1
→ P4.3 is output pin
= 0
→ P4.3 is input pin
P42oe = 1
→ P4.2 is output pin
= 0
→ P4.2 is input pin


Số phần tương tự - MTV230M64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV230MF64 ETC1-MTV230MF64 Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV230MS64 ETC1-MTV230MS64 Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV230MV64 ETC1-MTV230MV64 Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
More results

Mô tả tương tự - MTV230M64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
List of Unclassifed Man...
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com