công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STIR4200 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện STIR4200
Giải thích chi tiết về linh kiện  USB/lrDA Bridge Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

STIR4200 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  STIR4200 Datasheet HTML 1Page - List of Unclassifed Manufacturers STIR4200 Datasheet HTML 2Page - List of Unclassifed Manufacturers STIR4200 Datasheet HTML 3Page - List of Unclassifed Manufacturers STIR4200 Datasheet HTML 4Page - List of Unclassifed Manufacturers STIR4200 Datasheet HTML 5Page - List of Unclassifed Manufacturers STIR4200 Datasheet HTML 6Page - List of Unclassifed Manufacturers STIR4200 Datasheet HTML 7Page - List of Unclassifed Manufacturers STIR4200 Datasheet HTML 8Page - List of Unclassifed Manufacturers STIR4200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
3-4200-D1-2.0-0403
5
STIr4200
USB/IrDA Bridge Controller
OFFICIAL
PRODUCT
DOCUMENTA TI ON
2.4.
STIr4200 Block Diagram
3. CHARACTERISTICS AND SPECIFICATIONS
3.1.
Absolute Maximum Ratings
3.2.
Recommended Operating Conditions
Symbol
Parameter
MIN
MAX
UNITS
CONDITIONS
PD
Power Dissipation (Package constraint)
mW
TA
Operating Temperature
0
70
°C
TJ
Lead Solder Temperature
260
°C
for 10 sec max.
TS
Storage Temperature
-55
125
°C
VCC
Supply Voltage
-0.3 V
6
V
Vmax
Voltage at any pin
VDD + 0.4V
V
ESD
Electrostatic Discharge (ESD)
+/- 2KV
V
See Note 1
Note:
1.
The device meets the JESD22-A114-A Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model
(HBM) requirements of +/- 2KV on all pins, except the TXDIODE pin (Pin 2), where the limit is +/1.5KV.
Table 1. Absolute Maximum Ratings
Symbol
Parameter
MIN
TYP
MAX
UNITS
CONDITION
VDD
Supply Voltage
3.1
3.3
3.6
V
TA
Operating Temperature Range
0
25
70
°C
Table 2. Recommended Operating Conditions
USB - IRDA Bridge IC
IR Register
Set
4K FIFO
Buffer
IrDA Controller
Control
Bulk Out
Bulk In
USB Controller
UOUT
TXDATA
RXFAST
RXSLOW
12 Mhz
Optional LED Driver
+V
D POS
D NEG
Gnd
SD/MODE (TEMIC
ONLY)
TXD
USB Port
IrDA
Transceiver
Interface
TX DIODE
RXD/R XFAST
RXSLOW (DUAL
RECEIVE PATH)
Figure 1. STIr4200 Block Diagram


Số phần tương tự - STIR4200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STIR4210 ETC1-STIR4210 Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
STIR4210N ETC1-STIR4210N Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
STIR4220N ETC1-STIR4220N Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
More results

Mô tả tương tự - STIR4200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
AT76C713 ATMEL-AT76C713_04 Datasheet
99Kb / 2P
   USB BRIDGE CONTROLLER
logo
Generalplus Technology ...
GPUSB101A GENERALPLUS-GPUSB101A Datasheet
927Kb / 37P
   USB Bridge Controller
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
   USB TO USB BRIDGE CONTROLLER
logo
Prolific Technology Inc...
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
   USB to Serial Bridge Controller
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
   USB to Serial Bridge Controller
PL2303GT PROLIFIC-PL2303GT Datasheet
115Kb / 1P
   USB to RS232 Bridge Controller
PL2303TA PROLIFIC-PL2303TA Datasheet
175Kb / 1P
   USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL-2303X ETC1-PL-2303X Datasheet
168Kb / 1P
   USB to Serial Bridge Controller
AU9720 ETC2-AU9720 Datasheet
277Kb / 16P
   USB to Serial Bridge Controller
logo
Cypress Semiconductor
CY7C65213 CYPRESS-CY7C65213 Datasheet
2Mb / 29P
   USB-UART LP Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com