công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC41B143A-DS-002PD bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện BC41B143A-DS-002PD
Giải thích chi tiết về linh kiện  BlueCore 4-ROM CSP EDR Single Chip Bluetooth v2.0 EDR System
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

BC41B143A-DS-002PD bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BC41B143A-DS-002PD Datasheet HTML 2Page - List of Unclassifed Manufacturers BC41B143A-DS-002PD Datasheet HTML 3Page - List of Unclassifed Manufacturers BC41B143A-DS-002PD Datasheet HTML 4Page - List of Unclassifed Manufacturers BC41B143A-DS-002PD Datasheet HTML 5Page - List of Unclassifed Manufacturers BC41B143A-DS-002PD Datasheet HTML 6Page - List of Unclassifed Manufacturers BC41B143A-DS-002PD Datasheet HTML 7Page - List of Unclassifed Manufacturers BC41B143A-DS-002PD Datasheet HTML 8Page - List of Unclassifed Manufacturers BC41B143A-DS-002PD Datasheet HTML 9Page - List of Unclassifed Manufacturers BC41B143A-DS-002PD Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
Contents
BC41B143A-ds-002Pd
This material is subject to CSR’s non-disclosure agreement
Production Information
© Cambridge Silicon Radio Limited 2005
Page 6 of 89
List of Tables
Table 10.1: Data Rate Schemes ........................................................................................................................... 46
Table 10.2: 2-Bits Determine Phase Shift Between Consecutive Symbols ........................................................... 47
Table 10.3: 3-Bits Determine Phase Shift Between Consecutive Symbols ........................................................... 48
Table 11.1: PSKEY_TXRX_PIO_CONTROL Values ............................................................................................ 51
Table 11.2: External Clock Specifications ............................................................................................................. 51
Table 11.3: PS Key Values for CDMA/3G Phone TCXO Frequencies .................................................................. 53
Table 11.4: Crystal Specification........................................................................................................................... 55
Table 11.5: Possible UART Settings ..................................................................................................................... 60
Table 11.6: Standard Baud Rates ......................................................................................................................... 61
Table 11.7: USB Interface Component Values ..................................................................................................... 65
Table 11.8: Instruction Cycle for an SPI Transaction ............................................................................................ 66
Table 11.9: PCM Master Timing............................................................................................................................ 72
Table 11.10: PCM Slave Timing............................................................................................................................ 74
Table 11.11: PSKEY_PCM_LOW_JITTER_CONFIG Description ........................................................................ 76
Table 11.12: PSKEY_PCM_LOW_JITTER_CONFIG Description ........................................................................ 77
Table 11.13: Pin States of BlueCore4-ROM CSP on Reset.................................................................................. 79
List of Equations
Equation 11.1: Output Voltage with Load Current
≤ 10mA.................................................................................... 50
Equation 11.2: Output Voltage with No Load Current ........................................................................................... 50
Equation 11.3: Load Capacitance ......................................................................................................................... 55
Equation 11.4: Trim Capacitance .......................................................................................................................... 55
Equation 11.5: Frequency Trim ............................................................................................................................. 56
Equation 11.6: Pullability....................................................................................................................................... 56
Equation 11.7: Transconductance Required for Oscillation .................................................................................. 56
Equation 11.8: Equivalent Negative Resistance.................................................................................................... 56
Equation 11.9: Baud Rate ..................................................................................................................................... 61
Equation 11.10: PCM_CLK Frequency When Being Generated Using the Internal 48MHz Clock........................ 75
Equation 11.11: PCM_SYNC Frequency Relative to PCM_CLK........................................................................... 75


Số phần tương tự - BC41B143A-DS-002PD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BC41B143A-DS-001PE ETC1-BC41B143A-DS-001PE Datasheet
1Mb / 102P
   BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR
BC41B143A-DS-003PC ETC1-BC41B143A-DS-003PC Datasheet
2Mb / 94P
   BlueCore 4-ROM Plug-n-Go Single Chip Bluetooth v2.0 EDR System
More results

Mô tả tương tự - BC41B143A-DS-002PD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BLUECORE4-ROM ETC-BLUECORE4-ROM Datasheet
727Kb / 89P
   BlueCore 4-ROM CSP EDR
2005
BC41B143A-DS-003PC ETC1-BC41B143A-DS-003PC Datasheet
2Mb / 94P
   BlueCore 4-ROM Plug-n-Go Single Chip Bluetooth v2.0 EDR System
BC41B143A-DS-001PE ETC1-BC41B143A-DS-001PE Datasheet
1Mb / 102P
   BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
   Bluetooth v2.0EDR specification
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
DB Lectro Inc
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
   Bluetooth Specification v2.0 EDR Class 1
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
DB Lectro Inc
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
   Fully qualified with Bluetooth v2.0 EDR specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com