công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A23159DGST bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A23159DGST
Giải thích chi tiết về linh kiện  1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS5A23159DGST bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TS5A23159DGST Datasheet HTML 3Page - Texas Instruments TS5A23159DGST Datasheet HTML 4Page - Texas Instruments TS5A23159DGST Datasheet HTML 5Page - Texas Instruments TS5A23159DGST Datasheet HTML 6Page - Texas Instruments TS5A23159DGST Datasheet HTML 7Page - Texas Instruments TS5A23159DGST Datasheet HTML 8Page - Texas Instruments TS5A23159DGST Datasheet HTML 9Page - Texas Instruments TS5A23159DGST Datasheet HTML 10Page - Texas Instruments TS5A23159DGST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1)
TS5A23159
1-
Ω DUAL SPDT ANALOG SWITCH
5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS201 – AUGUST 2005
V
+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
25
°C
1.8
2.5
Peak ON
rpeak
2.3 V
ICOM = –8 mA,
See Figure 13
resistance
Full
2.7
VNO or VNC = 1.8 V,
25
°C
1.5
2
ON-state
Switch ON,
ron
2.3 V
ICOM = –8 mA,
resistance
See Figure 13
Full
2.4
ON-state
25
°C
0.15
0.2
resistance
VNO or VNC = 1.8 V, 0.8 V, Switch ON,
match
∆r
on
2.3 V
ICOM = –8 mA,
See Figure 13
Full
0.2
between
channels
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
25
°C
0.6
ON-state
ICOM = –8 mA,
See Figure 13
resistance
ron(flat)
2.3 V
VNO or VNC = 0.8 V, 1.8 V,
25
°C
0.6
1
Switch ON,
flatness
ICOM = –8 mA,
See Figure 13
Full
1
VNC or VNO = 0.5 V,
25
°C
–20
2
20
VCOM = 0.5 V to 2.3 V,
INO(OFF),
Switch OFF,
or
2.3 V
nA
NC, NO
INC(OFF)
See Figure 14
Full
–50
50
VNC or VNO = 2.2 V,
OFF leakage
VCOM = 0.5 V to 2.3 V,
current
25
°C
–1
0.1
1.0
INC(PWROFF),
VNC or VNO = 0 to 2.7 V,
Switch OFF,
0 V
µA
INO(PWROFF)
VCOM = 2.7 V to 0,
See Figure 14
Full
–10
10
VNC or VNO = 0.5 V,
25
°C
–10
2
10
NC, NO
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
2.7 V
nA
INC(ON)
See Figure 15
Full
–20
20
current
VNC or VNO = 2.2 V,
VCOM = Open,
COM
25
°C
–1
0.1
1
VNC or VNO = 2.7 V to 0,
Switch OFF,
OFF leakage
ICOM(PWROFF)
0 V
nA
VCOM = 0 to 2.7 V,
See Figure 14
Full
–10
10
current
VNC or VNO = Open,
25
°C
–10
2
10
COM
VCOM = 0.5 V,
Switch ON,
ON leakage
ICOM(ON)
or
2.7 V
nA
See Figure 15
Full
–20
20
current
VNC or VNO = Open,
VCOM = 2.2 V,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
1.8
5.5
V
Input logic low
VIL
Full
0
0.6
V
25
°C
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
2.7 V
µA
current
Full
20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7


Số phần tương tự - TS5A23159DGST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23159DGST TI-TS5A23159DGST Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGST TI-TS5A23159DGST Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGSTE4 TI-TS5A23159DGSTE4 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGSTE4 TI-TS5A23159DGSTE4 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159DGSTG4 TI-TS5A23159DGSTG4 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Mô tả tương tự - TS5A23159DGST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com