công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320VC33GNMM150 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SM320VC33GNMM150
Giải thích chi tiết về linh kiện  DIGITAL SIGNAL PROCESSOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM320VC33GNMM150 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SM320VC33GNMM150 Datasheet HTML 3Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 4Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 5Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 6Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 7Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 8Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 9Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 10Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
SM320VC33, SMJ320VC33
DIGITAL SIGNAL PROCESSOR
SGUS034E - FEBRUARY 2001 - REVISED OCTOBER 2002
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions (Continued)
TERMINAL
TYPE
DESCRIPTION
CONDITIONS
WHEN
NAME
QTY
TYPE
DESCRIPTION
WHEN
SIGNAL IS Z TYPE
TIMER SIGNALS
TCLK0
1
I/O/Z
Timer clock 0. As an input, TCLK0 is used by timer 0 to count external pulses. As
an output, TCLK0 outputs pulses generated by timer 0.
S
R
TCLK1
1
I/O/Z
Timer clock 1. As an input, TCLK1 is used by timer 1 to count external pulses. As
an output, TCLK1 outputs pulses generated by timer 1.
S
R
SUPPLY AND OSCILLATOR SIGNALS
H1
1
O/Z
External H1 clock
S
H3
1
O/Z
External H3 clock
S
CVDD
8
I
+VDD. Dedicated 1.8-V power supply for the core CPU. All must be connected to
a common supply plane.§
DVDD
16
I
+VDD. Dedicated 3.3-V power supply for the I/O pins. All must be connected to a
common supply plane.§
VSS
18
I
Ground. All grounds must be connected to a common ground plane.
PLLVDD
1
I
Internally isolated PLL supply. Connect to CVDD (1.8 V)
PLLVSS
1
I
Internally isolated PLL ground. Connect to VSS
EXTCLK
1
I
External clock. Logic level compatible clock input. If the XIN/XOUT oscillator is
used, tie this pin to ground.
XOUT
1
O
Clock out. Output from the internal-crystal oscillator. If a crystal is not used, XOUT
should be left unconnected.
XIN
1
I
Clock in. Internal-oscillator input from a crystal. If EXTCLK is used, tie this pin to
ground.
CLKMD0,
CLKMD1
2
I
Clock mode select pins
RSV0 - RSV1
2
I
Reserved. Use individual pullups to DVDD.
JTAG EMULATION
EMU1- EMU0
2
I/O
Emulation pins 0 and 1, use individual pullups to DVDD
TDI
1
I
Test data input
TDO
1
O
Test data output
TCK
1
I
Test clock
TMS
1
I
Test mode select
TRST
1
I
Test reset
I = input, O = output, Z = high-impedance state
S = SHZ active, H = HOLD active, R = RESET active
§ Recommended decoupling. Four 0.1
µF for CVDD and eight 0.1 µF for DVDD.


Số phần tương tự - SM320VC33GNMM150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320VC33GNMM150 TI1-SM320VC33GNMM150 Datasheet
751Kb / 53P
[Old version datasheet]   Digital Signal Processor
SM320VC33GNMM150EP TI1-SM320VC33GNMM150EP Datasheet
997Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Mô tả tương tự - SM320VC33GNMM150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com