công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-3025LSA bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện SI-3025LSA
Giải thích chi tiết về linh kiện  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

SI-3025LSA bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-3025LSA Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3025LSA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Parameter
DC Input Voltage Range
DC Output Current Range
Operating Junction Temperature
Ambient Operating Temperature
Symbol
VIN
IO
Tjop
Taop
sFeatures
• Compact surface-mount package (SOP-8)
• Output current: 1 A
• Low current consumption: Iq(OFF) ( 1
µA (VC = 0 V)
• Low dropout voltage: VDIF
≤0.8 V (at IO = 1 A)
VDIF
≤1.2 V (IO = 1 A) for SI-3018LSA
• 4 types of output voltages (1.8 V, 2.5 V, 3.3 V, 5.0 V) available
• Output ON/OFF control compatible with LS-TTL
• Built-in foldback overcurrent, thermal protection circuits
sApplications
• Auxiliary power supply for PC
• Battery-driven electronic equipme
sAbsolute Maximum Ratings
SI-3000LSA Series
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Unit
V
A
W
W
°C
°C
°C
°C/W
°C/W
Ratings
16
1
1.16
1.1
–30 to +150
–30 to +150
–30 to +150
36
100
Symbol
VIN
IO
PD1*1
PD2*2
Tj*3
Top
Tstg
θj-I
θj-a*2
Parameter
DC Input Voltage
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Thermal Resistance (Junction to Lead (pin 8))
Thermal Resistance (Junction to Ambient Air)
(Ta=25
°C)
sRecommended Operating Conditions
*1: VIN (max) and IO (max) are restricted by the relationship PD = (VIN – VO)
× IO.
Calculate these values referring to the reference data.
*2: Refer to the dropout voltage section.
Ratings
SI-3018LSA
SI-3025LSA
SI-3033LSA
SI-3050LSA
3.1 to 3.5*1
*2 to 3.5*1
*2 to 5.2*1
*2 to 8.0
0 to 1
–20 to +125
–30 to +85
Unit
V
A
°C
°C
qSI-3000LSA Series
*1: When mounted on glass-epoxy board 56.5
× 56.5 mm (copper laminate area 100%)
*2: When mounted on glass-epoxy board 40
× 40 mm (copper laminate area 100%).
*3: Thermal protection circuits may operate if the junction temperature exceeds 135
°C


Số phần tương tự - SI-3025LSA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SI-3025LSA SANKEN-SI-3025LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3025LSA SANKEN-SI-3025LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Mô tả tương tự - SI-3025LSA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3025KS ETC-SI-3025KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com