công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LR4558 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện LR4558
Giải thích chi tiết về linh kiện  The LR4558 consists of two high performance operational amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

LR4558 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  LR4558 Datasheet HTML 1Page - List of Unclassifed Manufacturers LR4558 Datasheet HTML 2Page - List of Unclassifed Manufacturers LR4558 Datasheet HTML 3Page - List of Unclassifed Manufacturers LR4558 Datasheet HTML 4Page - List of Unclassifed Manufacturers LR4558 Datasheet HTML 5Page - List of Unclassifed Manufacturers LR4558 Datasheet HTML 6Page - List of Unclassifed Manufacturers LR4558 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The
LR4558 consists of two high performance opera-
tional amplifiers. The IC features high gain, high input
resistance, excellent channel separation, wide range of
operating voltage and internal frequency compensa-
tion. It can work with
18V maximum power supply
voltage.
The
LR4558 is specifically suitable for applications in
differential-in, differential-out as well as in potential-
metric amplifiers and where gain and phase matched
channels are mandatory.
The
LR4558 is available in DIP-8 or SOIC-8 package.
Features
Internal Frequency Compensation
Large DC Voltage Gain with 100 dB Typical
High Input Resistance with 5M
Typical
Maximum Power Supply Voltages:
18V
Applications
Audio AC-3 Decoder System
Audio Amplifier
Figure 1. Package Types of
LR4558
SOIC-8
DIP-8
LESHAN RADIO COMPANY, LTD.
LR
4558–1/7


Số phần tương tự - LR4558

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LR4558 LRC-LR4558 Datasheet
255Kb / 7P
   Internal Frequency Compensation High Input Resistance with 5MTypical
LR4558 LRC-LR4558_12 Datasheet
255Kb / 7P
   Internal Frequency Compensation High Input Resistance with 5MTypical
LR4558 LRC-LR4558_15 Datasheet
255Kb / 7P
   Internal Frequency Compensation
More results

Mô tả tương tự - LR4558

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
   The LM2904 consists of two independent
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com